Electronic Components Datasheet Search
  English  ▼

X  

AS3525 Datasheet(PDF) 30 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 30 Page - ams AG

Back Button AS3525 Datasheet HTML 26Page - ams AG AS3525 Datasheet HTML 27Page - ams AG AS3525 Datasheet HTML 28Page - ams AG AS3525 Datasheet HTML 29Page - ams AG AS3525 Datasheet HTML 30Page - ams AG AS3525 Datasheet HTML 31Page - ams AG AS3525 Datasheet HTML 32Page - ams AG AS3525 Datasheet HTML 33Page - ams AG AS3525 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
30
- 194
7.2.6 IDE Interface
Note: The IDE interface is only available on AS3525-A, not for AS3525-B because some of the IDE PINs are not bonded
within the AS3525-B package variant.
The IDE host interface core provides an efficient and easy-to-use interface to IDE and ATAPI devices. The core
implements programmable I/O, Multi-word DMA, and Ultra ATA-33, -66, -100 and -133 modes of operation and supports
up to two devices. The core interface to the system-on-chip provides PIO access and DMA capability to optimise data
transfers to and from the IDE devices. For ease of integration, this interface includes a register set compatible with the
Intel chip set, including a descriptor-based scatter-gather DMA core. This core is compatible with ATA-4 with Ultra ATA-
33, -66, -100 and -133 extensions. Single-word DMA is not supported.
The licensed SpeedSelect
TM technology allows the core to be reconfigured to support any timing mode for PIO, Multi-
Word DMA, and Ultra ATA transfers (-33, -66, -100 or -133) while running at any clock frequency. Interface to the host
processor is the AMBA AHB bus architecture.
There are two AHB interfaces on the core: an AHB master and an AHB slave.
7.2.6.1
AHB Master Interface
The AHB Master implements a subset of the AHB protocol. The following features are supported:
Single transfer, unspecified-length, 4-beat incrementing and optionally 8-beat incrementing bursts (HBURST will be
‘000’, ‘001’, ‘011’, or optionally ‘101’)
Accesses that cross a 1kB boundary will be unspecified-length incrementing (HBURST will be ‘001’)
16-bit and 32-bit transfers only (HSIZE will only be ‘001’ or ‘010’)
BUSY cycles are not issued (HTRANS will not be ‘01’)
HPROT is not implemented
OKAY, SPLIT and RETRY responses accepted (HRESP may be ‘00’, ‘10’ or ’11’)
HLOCK asserted during fixed-length bursts
The AHB master may be granted by default
7.2.6.2
AHB Slave Interface
The AHB Slave implements a subset of the AHB protocol. The following features are supported:
Non-burst only (HBURST must be ‘000’)
8-, 16-, or 32-bit transfers only (HSIZE must be ‘000’, ‘001’ or ‘010’)
No advantage is gained by issuing a SEQ cycle over a NONSEQ cycle (HTRANS values of ‘10’ and ‘11’ are
interpreted identically)
HPROT is ignored
HRESP is ‘00’ (OKAY)
HREADY is issued no sooner than 2 clock cycles after a valid SEQ or NONSEQ cycle
The AHB slave may be selected by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com