Electronic Components Datasheet Search
  English  ▼

X  

AS3525 Datasheet(PDF) 98 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 98 Page - ams AG

Back Button AS3525 Datasheet HTML 94Page - ams AG AS3525 Datasheet HTML 95Page - ams AG AS3525 Datasheet HTML 96Page - ams AG AS3525 Datasheet HTML 97Page - ams AG AS3525 Datasheet HTML 98Page - ams AG AS3525 Datasheet HTML 99Page - ams AG AS3525 Datasheet HTML 100Page - ams AG AS3525 Datasheet HTML 101Page - ams AG AS3525 Datasheet HTML 102Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
98
- 194
Name
Base
Default
UART_LNCTL_REG
AS3525_UART_BASE
0xC8110000
Line control register
Offset: 0x10
This register controls the asynchronous data. Parameters in this register set the
transmit and receive character format, the data length, parity bit, stop bit length, etc.
Bit
Bit Name
Default
Access
Bit Description
7
DLS
0
RW
Divisor Latch Select Bit. This bit is used to select Divisor Latch
registers.
1: Divisor Latch registers can be accessed. To access other
registers this bit should be zero.
6
breakCntl
0
RW
1: Will cause a break condition to be transmitted, i.e. TX line is
pulled low. Normal transmission can be recovered once this bit
is cleared. Transmitter logic can be used as break timer.
5
stickParity
0
RW
1: If this bit is set, along with parityEn a fixed parity bit will be
transmitted and expected. This fixed parity bit will be the
complement of the bit 4.
4
evenParity
0
RW
0: Data byte along with parity bit will be sent and expected to
be odd parity.
1: Data byte along with the parity bit will be even parity.
3
parityEn
0
RW
Enable parity bit.
0: Data byte will be transmitted and received without parity bit.
1: Will enable the parity bit at the end of the data byte.
2
stopBits
0
RW
This bit decides how many stop bits should be sent along with
a data byte.
0: 1 stop bit transmitted
1: 2 stop bits transmitted if 6, 7 or 8 bit wordLenSel
1: 1.5 stop bits transmitted if 5 bit wordLenSel
Receiver will always check for one stop bit.
1:0
wordLenSel
00
RW
These bits will select the number of data bits to be transmitted
and received.
00: 5 bits
01: 6 bits
10: 7 bits
11: 8 bits
Table 84 UART Line status register
Name
Base
Default
UART_LNSTATUS_REG
AS3525_UART_BASE
0xC8110000
Line status register
Offset: 0x14
This register holds the status information of the data transfer. It gives information about
the received data.
Bit
Bit Name
Default
Access
Bit Description
7
FIFODataError
0
RU
1: This bit is set when any data character in the FIFO has
parity or framing error or break condition.
0: This bit is reset once the line status register
(LINE_STATUS_REG) is read.
6
Reserved
0
This bit is reserved for future use.
5
txHoldRegEmpty
0
RU
This bit is associated with the txDataEmpty interrupt.
1: Indicates that there is no data in txFIFO or the data register
(UART_DATA_REG (Tx)). This bit is set once the data is
shifted out.
0: This bit is reset once data is written into the data register
(UART_DATA_REG (Tx)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com