Electronic Components Datasheet Search
  English  ▼

X  

AS3525 Datasheet(PDF) 126 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 126 Page - ams AG

Back Button AS3525 Datasheet HTML 122Page - ams AG AS3525 Datasheet HTML 123Page - ams AG AS3525 Datasheet HTML 124Page - ams AG AS3525 Datasheet HTML 125Page - ams AG AS3525 Datasheet HTML 126Page - ams AG AS3525 Datasheet HTML 127Page - ams AG AS3525 Datasheet HTML 128Page - ams AG AS3525 Datasheet HTML 129Page - ams AG AS3525 Datasheet HTML 130Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
126
- 194
7.4.4
Charge-Pump Step-Down Converter
7.4.4.1
General
This converter will be used to supply the core voltage for a microprocessor.
•
Input Voltage CPVDD
•
Output Voltage 1.05 to 1.2 V
•
Voltage setting via CVDDp<1:0> bits in 4 steps
•
regulated 2:1 charge pump with pulse skipping
•
scaleable switches according to BVDD
•
Bypass LDO for higher currents or lower battery voltages respectively
•
Driver strength: 50mA / 200mA with bypass LDO
Figure 48 CP Block Diagram
7.4.4.2
Mode Description
Three different functional parts generate core supply voltage CVDD. The switching between the modes is generally done automatically, but can
also be manually overwritten by register settings.
Please observe that the charge pump block starts up in Mode 2(IOVDD length regulator mode) to avoid a current limitation and has to be switched
to automatic operation by register settings.
Direct length regulation from VBAT
Mode1=true IF ((1.2V+Vmargin1) < VBAT_1V < (VTH1)) && (NoUSB)
•
Vmargin1=50mV/150mV (100mV hysteretic)
•
VTH1=1.7V/1.8V (100mV hysteretic)
•
VBAT LDO is used when [1.8V > VBAT_1V > 1.25V]
•
VBAT LDO is not used when there is high supply present from USB even when VBAT is in range.
Direct length regulation from IOVDD
Mode2=true IF ((Not Mode1) && (IOVDD/2 < (1.2+Vmargin2)))
•
Vmargin2=200mV/300mV (100mV hysteretic)
•
IOVDD LDO is used when VBAT LDO Mode1 is not entered and
•
IOVDD is not high enough to do 2:1 charge-pump regulation.
Charge-Pump IOVDD division by 2 active plus length regulation
Mode3=true IF ((Not Mode1) && (Not Mode2))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com