Electronic Components Datasheet Search
  English  ▼

X  

AS3525 Datasheet(PDF) 168 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 168 Page - ams AG

Back Button AS3525 Datasheet HTML 164Page - ams AG AS3525 Datasheet HTML 165Page - ams AG AS3525 Datasheet HTML 166Page - ams AG AS3525 Datasheet HTML 167Page - ams AG AS3525 Datasheet HTML 168Page - ams AG AS3525 Datasheet HTML 169Page - ams AG AS3525 Datasheet HTML 170Page - ams AG AS3525 Datasheet HTML 171Page - ams AG AS3525 Datasheet HTML 172Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
168
- 194
7.4.22
2-Wire-Serial Control Interface
7.4.22.1 General
There is an I2C slave block implemented to have access to 64 byte of setting information.
The I2C address is: Adr_Group8 - audio processors
•
8Ch_write
•
8Dh_read
Figure 59 I2C timing
7.4.22.2 Parameter
Table 158 I2C Operating Conditions
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VIL
Input low voltage
CSCL, CSDA (max 30%DVDD)
0
0.87
V
VIH
Input high voltage
CSCL, CSDA (min 70%DVDD)
2.03
5.5
V
HYST
Hysteretic
CSCL, CSDA
200
450
800
mV
VOL
Output low voltage
CSDA @3mA
-
0.4
V
Tsp
Spike insensitivity
50
100
ns
TH
Clock high time
500
ns
TL
Clock low time
500
ns
TSU
Data setup time
CSDA has to change TSU before rising
edge of CSCL
100
ns
THD
Data hold time
No hold time needed for CSDA relative
to rising edge of CSCL
0
ns
TS
Clock start-condition hold time CSCL HIGH hold time relative to
CSDA edge for start/stop/rep_start
200
ns
TPD
Output delay
CSDA propagation delay relative to
low going edge of CSCL
24
50
80
ns
DVDD =2.9V, Tamb=25ºC; unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com