Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 4Page - Analog Devices ADF4158 Datasheet HTML 5Page - Analog Devices ADF4158 Datasheet HTML 6Page - Analog Devices ADF4158 Datasheet HTML 7Page - Analog Devices ADF4158 Datasheet HTML 8Page - Analog Devices ADF4158 Datasheet HTML 9Page - Analog Devices ADF4158 Datasheet HTML 10Page - Analog Devices ADF4158 Datasheet HTML 11Page - Analog Devices ADF4158 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADF4158
Rev. 0 | Page 8 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
–160
–140
–120
–100
–80
–60
–40
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 5. Phase Noise at 5805 MHz, PFD = 32 MHz, Loop Bandwidth = 100 kHz
5.78
5.79
5.80
5.81
5.82
5.83
5.84
5.85
5.86
–0.025
–0.015
–0.005
0.005
0.015
0.025
TIME (s)
Figure 6. Triangular Waveform, PFD = 32 MHz, INT = 181, FRAC = 0,
DEV Offset = 4, DEV Word = 20972, Step Word = 200, CLK DIV = 10,
MOD Divider = 125
5.75
5.77
5.79
5.81
5.83
5.85
5.87
–0.010
–0.005
0
0.005
0.010
TIME (s)
Figure 7. Sawtooth Waveform, PFD = 32 MHz, INT = 181, FRAC = 0,
DEV Offset = 4, DEV Word = 20972, Step Word = 200, CLK DIV = 10,
MOD Divider = 125
5.76
5.77
5.78
5.79
5.80
5.81
5.82
5.83
5.84
5.85
5.86
5.87
TIME (s)
–0.010
–0.005
0
0.005
0.010
Figure 8. Delay Between Ramps for Sawtooth Waveform, PFD = 32 MHz,
INT = 181, FRAC = 0, DEV Offset = 4, DEV Word = 20972, Step Word = 200,
CLK DIV = 10, MOD Divider = 125, DEL Start Word = 1025
5.76
5.77
5.78
5.79
5.80
5.81
5.82
5.83
5.84
5.85
5.86
0
0.005
0.010
TIME (s)
0.015
0.020
NO DELAY
DELAY
Figure 9. Delayed Start of Triangular Burst, PFD = 32 MHz, INT = 181,
FRAC = 0, DEV Offset = 4, DEV Word = 20972, Step Word = 200,
CLK DIV = 10, MOD Divider = 125, DEL Start Word = 1000
5.790
5.792
5.794
5.796
5.798
5.800
5.802
5.804
5.806
5.808
5.810
–0.010
0.010
–0.005
0.005
0
TIME (s)
Figure 10. Dual Ramp Rate Waveform, PFD = 32 MHz, INT = 181, FRAC = 0,
Ramp1: DEV Offset = 3, DEV Word = 16777, Step Word = 100,
Ramp2: DEV Offset = 3, DEV Word = 20792, Step Word = 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com