Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 10Page - Analog Devices ADF4158 Datasheet HTML 11Page - Analog Devices ADF4158 Datasheet HTML 12Page - Analog Devices ADF4158 Datasheet HTML 13Page - Analog Devices ADF4158 Datasheet HTML 14Page - Analog Devices ADF4158 Datasheet HTML 15Page - Analog Devices ADF4158 Datasheet HTML 16Page - Analog Devices ADF4158 Datasheet HTML 17Page - Analog Devices ADF4158 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADF4158
Rev. 0 | Page 14 of 36
FRAC/INT REGISTER (R0) MAP
With Register R0 DB[2:0] set to [0, 0, 0], the on-chip
FRAC/INT register is programmed as shown in Figure 22.
Ramp On
Setting DB31 to 1 enables the ramp, setting DB31 to 0 disables
the ramp.
MUXOUT Control
The on-chip multiplexer is controlled by DB[30:27] on the
ADF4158. See Figure 22 for the truth table.
12-Bit Integer Value (INT)
These 12 bits control what is loaded as the INT value. This is
used to determine the overall feedback division factor. It is used
in Equation 2. See the INT, FRAC, and R Relationship section
for more information.
12-Bit MSB Fractional Value (FRAC)
These 12 bits, along with Bits DB[27:15] in the LSB FRAC
register (Register R1), control what is loaded as the FRAC value
into the fractional interpolator. This is part of what determines
the overall feedback division factor. It is also used in Equation 2.
These 12 bits are the most significant bits (MSB) of the 25-bit
FRAC value, and Bits DB[27:15] in the LSB FRAC register
(Register R1) are the least significant bits (LSB). See the RF
Synthesizer: A Worked Example section for more information.
DB31
CONTROL
BITS
12-BIT MSB FRACTIONAL VALUE
(FRAC)
12-BIT INTEGER VALUE (INT)
MUXOUT
CONTROL
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R1
M4
M3
M2
M1
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
F25
F24
F23
F22
F21
F20
F19
F18
F17
F16
F15
F14 C3(0) C2(0) C1(0)
M4 M3 M2
M1
OUTPUT
0
0
0
0
THREE-STATE OUTPUT
000
1
DVDD
001
0
DGND
001
1
R-DIVIDER OUTPUT
010
0
N-DIVIDER OUTPUT
0
1
0
1
RESERVED
0
1
1
0
DIGITAL LOCK DETECT
0
1
1
1
SERIAL DATA OUTPUT
100
0
RESERVED
100
1
RESERVED
1
0
1
0
CLK DIVIDER OUTPUT
101
1
RESERVED
1
1
0
0
FAST-LOCK SWITCH
110
1
R-DIVIDER/2
111
0
N-DIVIDER/2
1
1
1
1
READBACK TO MUXOUT
R1 RAMP ON
0
RAMP DISABLED
RAMP ENABLED
1
F25
F24
..........
F15
F14
MSB FRACTIONAL VALUE
(FRAC)*
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
..........
1
1
4095
N12
N11
N10
N9N8N7N6
N5N4
N3N2N1
INTEGER VALUE
(INT)
0
0
0
000
01
0
111
23
0
0
0
000
01
1
000
24
0
0
0
000
01
1
001
25
0
0
0
000
01
1
010
26
.
.
.
...
...
...
.
.
.
.
...
...
...
.
.
.
.
...
...
...
.
1
1
1
111
11
1
101
4093
1
1
1
111
11
1
110
4094
1
1
1
111
11
1
111
4095
*THE FRAC VALUE IS MADE UP OF THE 12-BIT MSB STORED IN
REGISTER R0, AND THE 13-BIT LSB REGISTER STORED IN
REGISTER R1. FRAC VALUE = 13-BIT LSB + 12-BIT MSB × 213.
Figure 22. FRAC/INT Register (R0) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com