Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices ADF4158 Datasheet HTML 28Page - Analog Devices ADF4158 Datasheet HTML 29Page - Analog Devices ADF4158 Datasheet HTML 30Page - Analog Devices ADF4158 Datasheet HTML 31Page - Analog Devices ADF4158 Datasheet HTML 32Page - Analog Devices ADF4158 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADF4158
Rev. 0 | Page 29 of 36
Table 7. Interrupt Modes
The following example explains how to set up and use this
function.
Mode
Action
DB[27:26] = 00
Interrupt is off
DB[27:26] = 01
Interrupt on TXDATA, sweep continues
DB[27:26] = 11
Interrupt on TXDATA, sweep stops
Example
fOUT = 5790 MHz
fDEV = 100 kHz
When an interrupt takes place, the data consisting of the INT
and FRAC values can be read back via MUXOUT. The data is
made up of 37 bits, 12 of which represent the INT value and 25
the FRAC value.
Number of steps = 50
Duration of a single step = 10 μs
Ramp mode must be either triangular (Register R3, DB[11:10]
= 01) or single triangular (Register R3, DB[11:10] = 11).
The idea of frequency readback is shown in Figure 40.
In the first case, the generated frequency range is calculated as
follows:
TIME
TIME
TIME OF INTERRUPT
FREQUENCY AT WHICH INTERRUPT TOOK PLACE
INTERRUPT SIGNAL
LOGIC HIGH
LOGIC LOW
1. SWEEP CONTINUES MODE
2. SWEEP STOPS MODE
12
Δf = fDEV × (Number of Steps + 2) × (Number of Steps + 1)/2
= 132.6 MHz
In the second case, the generated frequency range is calculated
as follows:
Δf = fDEV × (Number of Steps + 1) × Number of Steps/2
= 127.5 MHz
The timer is set in the same way as for its linear ramps
described in the Waveform Generation section.
Activation of the parabolic ramp is achieved by setting Bit DB28
in Register R5 to 1.
Next the counter reset (DB3 in Register R3) should be set first
to 1 and then to 0.
Eventually, the ramp must be activated as described in the
Activating the Ramp section.
Figure 40. Interrupt and Frequency Readback
Interrupt Modes and Frequency Readback
Note that DB[22:21] in Register R4 should be set to 2 and
DB[30:27] in Register R0 (MUXOUT control) should be
set to 15 (1111).
Interrupt modes are triggered from the rising edge of TXDATA.
Depending on the settings of DB[27:26] in Register R5, the
modes in Table 7 are activated.
The mechanism of how single bits are read back is shown in
Figure 41.
DATA CLOCKED OUT ON POSITIVE EDGE OF CLK AND READ ON NEGATIVE EDGE OF CLK
READBACK WORD (37 BITS)
0 0001 1100 1111 0110 0010 0011 1010 0111 1000 (HEX01CF623A78)
MSB
LSB
MUXOUT
CLK
LE
12-BIT INT WORD
0000 1110 0111
0E7
231
25-BIT FRAC WORD
1 0110 0010 0011 1010 0111 1000
1623A78
23214712
RF =
fPFD × (231 + 23214712/225) = 1.7922963GHz = 1.846V VTUNE
TXDATA
Figure 41. Reading Back Single Bits to Determine the Output Frequency at the Moment of Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com