Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 22Page - Analog Devices ADF4158 Datasheet HTML 23Page - Analog Devices ADF4158 Datasheet HTML 24Page - Analog Devices ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices ADF4158 Datasheet HTML 28Page - Analog Devices ADF4158 Datasheet HTML 29Page - Analog Devices ADF4158 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADF4158
Rev. 0 | Page 26 of 36
Waveform Deviations and Timing
Figure 34 shows a version of a burst or ramp. The key
parameters that define a burst or ramp are
•
Frequency deviation
•
Timeout interval
•
Number of steps
TIMER
fDEV
TIME
Figure 34. Waveform Timing
Frequency Deviation
The frequency deviation for each frequency hop is set by
fDEV = (fPFD/225) × (DEV × 2DEV_OFFSET)
(9)
where:
DEV is a 16-bit word.
DEV_OFFSET is a 4-bit word.
Timeout Interval
The time between each frequency hop is set by
Timer = CLK1 × CLK2 × (1/fPFD)
(10)
where:
CLK1 and CLK2 are 12-bit clock values (12-bit MOD divider in
R2, 12-bit clock divider in R4—CLK DIV set as RAMP DIV).
fPFD is the PFD frequency.
Number of Steps
A 20-bit step value defines the number of frequency hops that
take place. The INT value cannot be incremented by more than
28 from its starting value.
Single Ramp Burst
The most basic waveform is the single ramp burst. All other
waveforms are slight variations on this.
In the single ramp burst, the ADF4158 is locked to the fre-
quency defined in the FRAC/INT register. When the ramp
mode is enabled, the ADF4158 increments the N-divide value
by DEV × 2DEV_OFSET, causing a frequency shift, fDEV, on each
timer interval. This happens until the set number of steps has
taken place. The ADF4158 then retains the final N-divide value.
Single Sawtooth Burst
In the single sawtooth burst, the N-divide value is reset to its
initial value on the next timeout interval after the number of
steps has taken place. The ADF4158 retains this N-divide value.
Sawtooth Ramp
The sawtooth ramp is a repeated version of the single sawtooth
burst. The waveform repeats until the ramp is disabled.
Triangular Ramp
The triangular ramp is similar to the single ramp burst. However,
when the steps have been completed, the ADF4158 begins to
decrement the N-divide value by DEV × 2DEV_OFFSET on each
timeout interval. When the number of steps has again been
completed, it reverts to incrementing the N-divide value.
Repeating this creates a triangular waveform. The waveform
repeats until the ramp is disabled.
FMCW Radar Ramp Settings Worked Example
Take as an example, an FMCW radar system requiring the
RF LO to sawtooth ramp over a 50 MHz range every 2 ms.
The PFD frequency is 25 MHz, and the RF output range is
5800 MHz to 5850 MHz.
The frequency deviation for each hop in the ramp is set to
~250 kHz.
The frequency resolution of ADF4158 is calculated as follows:
fRES = fPFD/225
(11)
Numerically:
fRES = 25 MHz/225 = 0.745 Hz
The DEV_OFFSET is calculated after rearranging Equation 9:
DEV_OFFSET = log2(fDEV/(fRES × DEVMAX))
(12)
Expressed in log10(x), Equation 10 can be transformed into the
following equation:
DEV_OFFSET = log10(fDEV/(fRES × DEVMAX))/log10(2)
(13)
where:
DEVMAX = 215 − Maximum of the Deviation Word.
fDEV = frequency deviation.
DEV_OFFSET = a 4-bit word.
Using Equation 13, DEV_OFFSET is calculated as follows
DEV_OFFSET = log10(250 kHz/(0.745 Hz × 215))/log10(2) = 3.356
After rounding, DEV_OFFSET = 4.
From DEV_OFFSET, the resolution of frequency deviation can
be calculated as follows
fDEV_RES = fRES × 2DEV_OFFSET
(14)
fDEV_RES = 0.745 Hz × 24 = 11.92 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com