Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 29 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 29 Page - Micronas

Back Button HAL810 Datasheet HTML 22Page - Micronas HAL810 Datasheet HTML 23Page - Micronas HAL810 Datasheet HTML 24Page - Micronas HAL810 Datasheet HTML 25Page - Micronas HAL810 Datasheet HTML 26Page - Micronas HAL810 Datasheet HTML 27Page - Micronas HAL810 Datasheet HTML 28Page - Micronas HAL810 Datasheet HTML 29Page - Micronas HAL810 Datasheet HTML 30Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
DATA SHEET
HAL810
Micronas
Feb. 6, 2009; DSH000034_003EN
29
5.5. Register Information
MIN-DUTY
The register range is from 0 up to 1023.
– The register value is calculated with:
MAX-DUTY
– The register range is from 0 up to 2047.
– The register value is calculated with:
DCOQ
– The register range is from
−1024 up to 1023.
– The register value is calculated with:
DCSENSITIVITY
– The register range is from
−8192 up to 8191.
– The register value is calculated with:
TC and TCSQ
– The TC register range is from
−31 up to 31.
– The TCSQ register range is from 0 up to 31.
Please refer Section 4.3. on page 23 for the recom-
mended values.
MODE
– The register range is from 0 up to 63 and contains
the settings for FILTER and RANGE:
Please refer Section 2.2. on page 8 for the available
FILTER and RANGE values.
ADC-READOUT
– This register is read only.
– The register range is from
−8192 up to 8191.
5.6. Programming Information
If the content of any register (except the lock registers)
is to be changed, the desired value must first be writ-
ten into the corresponding RAM register. Before read-
ing out the RAM register again, the register value must
be permanently stored in the EEPROM.
Permanently storing a value in the EEPROM is done
by first sending an ERASE command followed by
sending a PROM command. The address within the
ERASE and PROM commands is not important.
ERASE and PROM act on all registers in parallel.
If all HAL810 registers are to be changed, all writing
commands can be sent one after the other, followed by
sending one ERASE and PROM command at the end.
During all communication sequences, the customer
has to check if the communication with the sensor was
successful. This means that the acknowledge and the
parity bits sent by the sensor have to be checked by
the customer. If the Micronas programmer board is
used, the customer has to check the error flags sent
from the programmer board.
Note: For production and qualification tests, it is man-
datory to set the LOCK bit after final adjustment
and programming of HAL 810. The LOCK func-
tion is active after the next power-up of the sen-
sor. Micronas also recommends sending an
additional ERASE command after sending the
LOCK command.
The success of the Lock Process should be
checked by reading at least one sensor register
after locking and/or by an analog check of the
sensors output signal.
Electrostatic Discharges (ESD) may disturb the
programming pulses. Please take precautions
against ESD.
Min-Duty
100%
* 2048
MIN-DUTY =
Max-Duty
100%
* 2048
MAX-DUTY =
DCOQ
100%
* 1024
DCOQ =
DCSENSITIVITY = DCSensitivity * 2048
MODE = FILTER * 8 + RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com