Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 20 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 20 Page - Micronas

Back Button HAL810 Datasheet HTML 16Page - Micronas HAL810 Datasheet HTML 17Page - Micronas HAL810 Datasheet HTML 18Page - Micronas HAL810 Datasheet HTML 19Page - Micronas HAL810 Datasheet HTML 20Page - Micronas HAL810 Datasheet HTML 21Page - Micronas HAL810 Datasheet HTML 22Page - Micronas HAL810 Datasheet HTML 23Page - Micronas HAL810 Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
HAL810
DATA SHEET
20
Feb. 6, 2009; DSH000034_003EN
Micronas
3.7. Magnetic Characteristics
at TJ = −40 °C to +170 °C, VDD = 4.5 V to 5.5 V, GND = 0 V after programming and locking of the device,
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
3.8. Open-Circuit Detection
at TJ = −40 °C to +170 °C, Typical Characteristics for TJ = 25 °C
3.9. Typical Characteristics
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
BOffset
Magnetic Offset
3
−0.5
0
0.5
mT
B = 0 mT, TJ = 25 °C,
unadjusted sensor
ΔB
Offset/ΔT
Magnetic Offset Change
due to TJ
−10
0
10
μT/K
B = 0 mT
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
VOUT
Output Voltage
at Open VDD Line
3
000.2
V
VDD = 5 V
RL = 10 kΩ to GND
VOUT
Output Voltage
at Open GND Line
34.7
4.8
5
V
VDD = 5 V
RL = 10 kΩ to GND
–20
–15
–10
–5
0
5
10
15
20
–15 –10
–5
0
5
10
15
20 V
mA
VDD
IDD
TA = –40 °C
TA = 25 °C
TA=150 °C
Fig. 3–5: Typical current consumption
versus supply voltage
0
2
4
6
8
10
–50
0
50
100
150
200
°C
mA
TA
IDD
VDD = 5 V
Fig. 3–6: Typical current consumption
versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com