Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 12 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 12 Page - Micronas

Back Button HAL810 Datasheet HTML 8Page - Micronas HAL810 Datasheet HTML 9Page - Micronas HAL810 Datasheet HTML 10Page - Micronas HAL810 Datasheet HTML 11Page - Micronas HAL810 Datasheet HTML 12Page - Micronas HAL810 Datasheet HTML 13Page - Micronas HAL810 Datasheet HTML 14Page - Micronas HAL810 Datasheet HTML 15Page - Micronas HAL810 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
HAL810
DATA SHEET
12
Feb. 6, 2009; DSH000034_003EN
Micronas
Step 1: Input of the registers which need not be
adjusted individually
The register values for the following registers are given
for all applications:
–FILTER
Select the filter frequency: 500 Hz
–RANGE
Select the magnetic field range: 30 mT
–TC
For this magnetic material: 6
–TCSQ
For this magnetic material: 14
–Min-Duty
For our example: 5%
– Max-Duty
For our example: 95%
Enter these values in the software, and use the “write
and store” command for permanently writing the val-
ues in the registers.
Step 2: Calculation of DCOQ and DCSensitivity
There are two ways to calculate the values for DCOQ
and DCSensitivity.
Manual Calculation:
Set the system to calibration point 1 (angle 1 =
−25°)
and read the register ADC-READOUT. For our exam-
ple, the result is ADC-Readout1 =
−2500.
Next,
set
the
system
to
calibration
point 2
(angle 2 = 25°), and read the register ADC-READOUT
again.
For
our
example,
the
result
is
ADC-Readout2 =
+2350.
With these measurements and the targets DC1 = 95%
and DC2 = 5%, the values for DCSensitivity and DCOQ
are calculated as follows
Software Calibration:
Use the menu CALIBRATE from the PC software and
enter the values 95% for DC1 and 5% for DC2. Set the
system to calibration point 1 (angle 1 =
−25°), press
the key “Read ADC-Readout1”, set the system to cali-
bration
point 2
(angle 2 = 25°),
press
the
key
“Read ADC-Readout2”, and hit the button “Calculate”.
The software will then calculate the appropriate DCOQ
and DCSensitivity.
This calculation has to be done individually for each
sensor. Now, write the calculated values with the “write
and store” command into the HAL810 for program-
ming the sensor.
Step 3: Locking the Sensor
The last step is to activate the lock function with the
“lock” command. Please note that the LOCK function
becomes effective after power-down and power-up of
the Hall IC. The sensor is now locked and does not
respond to any programming or reading commands.
Warning: This register cannot be reset!
5%
− 95%
2350 + 2500
DCSensitivity =
100%
2048
*
=
−0.3800
DCOQ = 95% −
2048
−2500*(−0.3800)*100%
= 48.61%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com