Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 18 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 18 Page - Micronas

Back Button HAL810 Datasheet HTML 14Page - Micronas HAL810 Datasheet HTML 15Page - Micronas HAL810 Datasheet HTML 16Page - Micronas HAL810 Datasheet HTML 17Page - Micronas HAL810 Datasheet HTML 18Page - Micronas HAL810 Datasheet HTML 19Page - Micronas HAL810 Datasheet HTML 20Page - Micronas HAL810 Datasheet HTML 21Page - Micronas HAL810 Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
HAL810
DATA SHEET
18
Feb. 6, 2009; DSH000034_003EN
Micronas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
3.5. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions/Characteris-
tics” is not implied and may result in unpredictable behavior, reduce reliability and lifetime of the device.
All voltages listed are referenced to ground (GND).
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−8.5
8.5
V
VDD
Supply Voltage
1
−14.41) 2)
14.41) 2)
V
−I
DD
Reverse Supply Current
1
−
501)
mA
VOUT
Output Voltage
3
−55)
−55)
8.53)
14.43) 2)
V
VOUT − VDD
Excess of Output Voltage
over Supply Voltage
3,1
−
2V
IOUT
Continuous Output Current
3
−10
10
mA
tSh
Output Short Circuit Duration
3
−
10
min
TJ
Junction Temperature Range
−40
−40
1704)
150
°C
°C
NPROG
Number of Programming Cycles
−
100
1) as long as T
Jmax is not exceeded
2) t< 10 min (V
DDmin = −15 V for t < 1 min, VDDmax =16V for t < 1 min)
3) as long as T
Jmax is not exceeded, output is not protected to external 14 V-line (or to −14 V)
4) t < 1000 h
5) internal protection resistor = 100
Ω
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
4.5
5
5.5
V
IOUT
Continuous Output Current
3
−1
−
1mA
RL
Load Resistor
3
10
−−
k
Ω
CL
Load Capacitance
3
0.33
10
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com