Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 22 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 22 Page - Micronas

Back Button HAL810 Datasheet HTML 18Page - Micronas HAL810 Datasheet HTML 19Page - Micronas HAL810 Datasheet HTML 20Page - Micronas HAL810 Datasheet HTML 21Page - Micronas HAL810 Datasheet HTML 22Page - Micronas HAL810 Datasheet HTML 23Page - Micronas HAL810 Datasheet HTML 24Page - Micronas HAL810 Datasheet HTML 25Page - Micronas HAL810 Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
HAL810
DATA SHEET
22
Feb. 6, 2009; DSH000034_003EN
Micronas
4. Application Notes
4.1. Application Circuit
For EMC protection, it is recommended to connect one
ceramic 4.7 nF capacitor each between ground and
the supply voltage, respectively the output pin. In addi-
tion, the input of the controller unit should be pulled-
down with a 10 k
Ω resistor and a ceramic 4.7 nF
capacitor.
Please note that during programming, the sensor will
be supplied repeatedly with the programming voltage
of 12.5 V for 100 ms. All components connected to the
VDD line at this time must be able to resist this voltage.
Fig. 4–1: Recommended application circuit
4.2. Measurement of a PWM Output Signal
The magnetic field information is coded in the duty
cycle of the PWM signal. The duty cycle is defined as
the ratio between the high time “s” and the period “d” of
the PWM signal (see Fig. 4–2).
Please note: The PWM signal is updated with the fall-
ing edge. If the duty cycle is evaluated with a micro-
controller, the trigger-level will be the falling edge of
the PWM signal.
Fig. 4–2: Definition of PWM signal
OUT
VDD
GND
4.7 nF
HAL810
10 k
Ω
μC
4.7 nF
4.7 nF
Update
Out
time
Vhigh
Vlow
d
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com