Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 5 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 5 Page - Micronas

  HAL810 Datasheet HTML 1Page - Micronas HAL810 Datasheet HTML 2Page - Micronas HAL810 Datasheet HTML 3Page - Micronas HAL810 Datasheet HTML 4Page - Micronas HAL810 Datasheet HTML 5Page - Micronas HAL810 Datasheet HTML 6Page - Micronas HAL810 Datasheet HTML 7Page - Micronas HAL810 Datasheet HTML 8Page - Micronas HAL810 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DATA SHEET
HAL810
Micronas
Feb. 6, 2009; DSH000034_003EN
5
1.3. Marking Code
The HAL810 has a marking on the package surface
(branded side). This marking includes the name of the
sensor and the temperature range.
1.4. Operating Junction Temperature Range (TJ)
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
A:TJ = −40 °C to +170 °C
K:TJ = −40 °C to +140 °C
The relationship between ambient temperature (TA)
and junction temperature is explained in Section 4.5.
on page 24.
1.5. Hall Sensor Package Codes
Example: HAL810UT-K
→ Type:
810
→ Package:
TO92UT
→ Temperature Range: T
J = −40 °C to +140 °C
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Hall Sensors:
Ordering Codes, Packaging, Handling”.
1.6. Solderability and Welding
Soldering
During soldering, reflow processing and manual
reworking, a component body temperature of 260 °C
should not be exceeded.
Welding
Device terminals should be compatible with laser and
resistance welding. Please note that the success of
the welding process is subject to different welding
parameters which will vary according to the welding
technique used. A very close control of the welding
parameters is absolutely necessary in order to reach
satisfying results. Micronas, therefore, does not give
any implied or express warranty as to the ability to
weld the component.
1.7. Pin Connections and Short Descriptions
Fig. 1–1: Pin configuration
Type
Temperature Range
A
K
HAL810
810A
810K
HALXXXPA-T
Temperature Range: A or K
Package: UT for TO92UT-1/-2
Type: 810
Pin
No.
Pin Name
Type
Short Description
1
VDD
IN
Supply Voltage and
Programming Pin
2
GND
Ground
3
OUT
OUT
Push-Pull Output
1
3
VDD
OUT
GND
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com