Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 24 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 24 Page - Micronas

Back Button HAL810 Datasheet HTML 20Page - Micronas HAL810 Datasheet HTML 21Page - Micronas HAL810 Datasheet HTML 22Page - Micronas HAL810 Datasheet HTML 23Page - Micronas HAL810 Datasheet HTML 24Page - Micronas HAL810 Datasheet HTML 25Page - Micronas HAL810 Datasheet HTML 26Page - Micronas HAL810 Datasheet HTML 27Page - Micronas HAL810 Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
HAL810
DATA SHEET
24
Feb. 6, 2009; DSH000034_003EN
Micronas
4.4. Undervoltage Behavior
In a voltage range of below 4.5 V to approximately
3.5 V, the typical operation of the HAL810 is given and
predictable for most sensors. Some of the parameters
may be out of the specification. Below about 3.5 V, the
digital processing is reset. If the supply voltage rises
above approx. 3.5 V once again, a startup time of
about 20 µs elapses, for the digital signal processing
to occur.
4.5. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
TJ = TA + ΔT
At static conditions and continuous operation, the fol-
lowing equation applies:
ΔT = I
DD * VDD * Rth
For typical values, use the typical parameters. For
worst case calculation, use the maximum parameters
for IDD and Rth, and the maximum value for VDD from
the application.
For VDD = 5.5 V, Rth = 235 K/W, and IDD = 10 mA the
temperature difference
ΔT = 12.93 K.
For all sensors, the junction temperature TJ is speci-
fied. The maximum ambient temperature TAmax is cal-
culated as follows:
TAmax = TJmax − ΔT
4.6. EMC and ESD
The HAL810 is designed for a stabilized 5 V supply.
Interferences and disturbances conducted along the
12 V on-board system (product standard ISO 7637
part 1) are not relevant for these applications.
For applications with disturbances by capacitive or
inductive coupling on the supply line or radiated distur-
bances, the application circuit shown in Fig. 4–1 is rec-
ommended.
Applications
with
this
arrangement
passed the EMC tests according to the product stan-
dard ISO 7637 part 3 (Electrical transient transmission
by capacitive or inductive coupling).
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com