Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 11 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 11 Page - Micronas

Back Button HAL810 Datasheet HTML 7Page - Micronas HAL810 Datasheet HTML 8Page - Micronas HAL810 Datasheet HTML 9Page - Micronas HAL810 Datasheet HTML 10Page - Micronas HAL810 Datasheet HTML 11Page - Micronas HAL810 Datasheet HTML 12Page - Micronas HAL810 Datasheet HTML 13Page - Micronas HAL810 Datasheet HTML 14Page - Micronas HAL810 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DATA SHEET
HAL810
Micronas
Feb. 6, 2009; DSH000034_003EN
11
Step 2: Calculation of DCOQ and DCSensitivity
The calibration points 1 and 2 can be set inside the
specified range. The corresponding values for DC1
and DC2 result from the application requirements.
For highest accuracy of the sensor, calibration points
near the minimum and maximum input signal are rec-
ommended. The difference of the duty cycle between
calibration point 1 and calibration point 2 should be
more than 70%.
Set the system to calibration point 1 and read the reg-
ister ADC-READOUT. The result is ADC-Readout1.
Now, set the system to calibration point 2, read the
register ADC-READOUT, and get ADC-Readout2.
With these readouts and the nominal duty cycles DC1
and DC2, for the calibration points 1 and 2, respec-
tively, the values for DCSensitivity and DCOQ are cal-
culated as follows:
This calculation has to be done individually for each
sensor.
Next, write and store the calculated values for DCSen-
sitivity and DCOQ into the IC for adjusting the sensor.
The sensor is now calibrated for the customer applica-
tion. However, the programming can be changed
again and again if necessary.
Step 3: Locking the Sensor
The last step is activating the lock function with the
“LOCK” command. Please note that the LOCK function
becomes effective after power-down and power-up of
the Hall IC. The sensor is now locked and does not
respond to any programming or reading commands.
Warning: This register cannot be reset!
2.4. Calibration of the Angle Sensor
The following description explains the calibration pro-
cedure using an angle sensor as an example. The
required output characteristic is shown in Fig. 2–7.
– the angle range is from
−25° to 25°
– temperature coefficient of the magnet:
−500 ppm/K
Min-Duty
≤ DC1,2 ≤ Max-Duty
DC2
− DC1
ADC-Readout2
− ADC-Readout1
DCSensitivity =
100%
2048
*
ADC-Readout1 * DCSensitivity * 100%
2048
DCOQ = DC1 −
0
20
40
60
80
100
–30
–20
–10
0
10
20
30
°
Angle
%
Output
Duty
Cycle
Max-Duty = 95%
Calibration Point 1
Min-Duty = 5%
Calibration Point 2
Fig. 2–7: Example for output characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com