Electronic Components Datasheet Search
  English  ▼

X  

HAL810 Datasheet(PDF) 19 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 19 Page - Micronas

Back Button HAL810 Datasheet HTML 15Page - Micronas HAL810 Datasheet HTML 16Page - Micronas HAL810 Datasheet HTML 17Page - Micronas HAL810 Datasheet HTML 18Page - Micronas HAL810 Datasheet HTML 19Page - Micronas HAL810 Datasheet HTML 20Page - Micronas HAL810 Datasheet HTML 21Page - Micronas HAL810 Datasheet HTML 22Page - Micronas HAL810 Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
DATA SHEET
HAL810
Micronas
Feb. 6, 2009; DSH000034_003EN
19
3.6. Characteristics
at TJ = −40 °C to +170 °C, VDD = 4.5 V to 5.5 V, GND = 0 V after programming and locking of the device,
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
over Temperature Range
1
−
710
mA
VDDZ
Overvoltage Protection
at Supply
1
−
17.5
20
V
IDD =25 mA, TJ =25°C, t= 20 ms
VOZ
Overvoltage Protection
at Output
3
−
17
19.5
V
IO =10 mA, TJ =25°C, t = 20 ms
Output Duty Cycle
Resolution
3
−−
11
bit
1)
INL
Non-Linearity of Output Duty
Cycle over Temperature
3
−0.5
0
0.5
%
2)
ΔT
K
Variation of Linear
Temperature Coefficient
3
−400 0
400
ppm/k
if TC and TCSQ suitable for the
application
ΔDC
MIN-DUTY
Accuracy of Minimum Duty
Cycle over Temperature
Range
3
−1
01%
ΔDC
MAX-
DUTY
Accuracy of Maximum Duty
Cycle over Temperature
Range
3
−1
01%
VOUTH
Output High Voltage
3
−
4.8
−
V
VDD =5 V, −1mA ≤ IOUT ≤1 mA
VOUTL
Output Low Voltage
3
−
0.2
−
V
VDD =5 V, −1mA ≤ IOUT ≤ 1mA
fPWM
PWM Output Frequency
over Temperature Range
−
105
125
145
Hz
fADC
Internal ADC Frequency
over Temperature Range
−
110
128
150
kHz
tPOD
Power-Up Time (Time to
reach valid duty cycle)
−−
−
25
ms
ROUT
Output Resistance over
Recommended Operating
Range
3
−
110
Ω
VOUTLmax ≤ VOUT ≤ VOUTHmin
TO92UT Package
Rthja
Rthjc
Thermal Resistance
Junction to Ambient
Junction to Case
−
−
−
−
−
235
61
measured on an 1s0p board
1) if the Hall IC is programmed accordingly
2) if more than 50% of the selected magnetic field range are used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com