Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9265 Datasheet HTML 31Page - Analog Devices AD9265 Datasheet HTML 32Page - Analog Devices AD9265 Datasheet HTML 33Page - Analog Devices AD9265 Datasheet HTML 34Page - Analog Devices AD9265 Datasheet HTML 35Page - Analog Devices AD9265 Datasheet HTML 36Page - Analog Devices AD9265 Datasheet HTML 37Page - Analog Devices AD9265 Datasheet HTML 38Page - Analog Devices AD9265 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AD9265
Rev. A | Page 35 of 44
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/DCS pin and the SCLK/DFS pin serve as standalone
CMOS-compatible control pins. When the device is powered
up, it is assumed that the user intends to use the pins as static
control lines for the duty cycle stabilizer and output data format
feature control. In this mode, connect the CSB chip select to
AVDD, which disables the serial port interface.
The OEB pin, the DITHER pin, the LVDS pin, the LVDS_RS
pin, and the PDWN pin are active control lines in both external
pin mode and SPI mode. The input from these pins or the SPI
register setting is used to determine the mode of operation for
the part.
Table 15. Mode Selection
Pin
External
Voltage
Configuration
SDIO/DCS
SVDD (default)
Duty cycle stabilizer enabled
AGND
Duty cycle stabilizer disabled
SCLK/DFS
SVDD
Twos complement enabled
AGND (default)
Offset binary enabled
OEB
DRVDD
Outputs in high impedance
AGND (default)
Outputs enabled
PDWN
AVDD
Chip in power-down or standby
mode
AGND (default)
Normal operation
LVDS
AGND (default)
CMOS output mode
AVDD
LVDS output mode
LVDS_RS
AGND (default)
ANSI LVDS output levels
AVDD
Reduced swing LVDS output
levels
DITHER
AGND (default)
Dither disabled
AVDD
Dither enabled
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in AN-877 Application Note, Interfacing to High Speed ADCs via
SPI. The AD9265 part-specific features are described in detail
following Table 17, the external memory map register table.
Table 16. Features Accessible Using the SPI
Feature
Name
Description
Mode
Allows the user to set either power-down mode or
standby mode
Clock
Allows the user to access the DCS, set the clock
divider, set the clock divider phase, and enable
the SYNC input
Offset
Allows the user to digitally adjust the converter
offset
Test I/O
Allows the user to set test modes to have known
data on output bits
Output Mode
Allows the user to set the output mode
Output Phase
Allows the user to set the output clock polarity
Output Delay
Allows the user to vary the DCO delay
VREF
Allows the user to set the reference voltage
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
Figure 84. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com