Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9265 Datasheet HTML 18Page - Analog Devices AD9265 Datasheet HTML 19Page - Analog Devices AD9265 Datasheet HTML 20Page - Analog Devices AD9265 Datasheet HTML 21Page - Analog Devices AD9265 Datasheet HTML 22Page - Analog Devices AD9265 Datasheet HTML 23Page - Analog Devices AD9265 Datasheet HTML 24Page - Analog Devices AD9265 Datasheet HTML 25Page - Analog Devices AD9265 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9265
Rev. A | Page 22 of 44
105
100
95
90
85
80
75
25
35
45
55
65
75
85
95
105
115
125
SAMPLE RATE (MSPS)
SFDR
SNR
Figure 48. AD9265-125 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
450,000
400,000
350,000
300,000
250,000
200,000
150,000
100,000
50,000
0
OUTPUT CODE
2.13 LSB RMS
Figure 49. AD9265-125 Grounded Input Histogram
4
3
2
1
0
–1
–2
–3
–4
0
10,000
20,000
30,000
40,000
50,000
60,000
OUTPUT CODE
INL WITHOUT DITHER
INL WITH DITHER
Figure 50. AD9265-125 INL with fIN = 9.7 MHz
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
0
10,000
20,000
30,000
40,000
50,000
60,000
OUTPUT CODE
Figure 51. AD9265-125 DNL with fIN = 9.7 MHz
100
90
80
70
60
50
40
0.75
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
INPUT COMMON-MODE VOLTAGE (V)
SFDR
SNR
Figure 52. AD9265-125 SNR/SFDR vs. Input Common Mode (VCM)
with fIN = 30 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com