Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9265 Datasheet HTML 6Page - Analog Devices AD9265 Datasheet HTML 7Page - Analog Devices AD9265 Datasheet HTML 8Page - Analog Devices AD9265 Datasheet HTML 9Page - Analog Devices AD9265 Datasheet HTML 10Page - Analog Devices AD9265 Datasheet HTML 11Page - Analog Devices AD9265 Datasheet HTML 12Page - Analog Devices AD9265 Datasheet HTML 13Page - Analog Devices AD9265 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9265
Rev. A | Page 10 of 44
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0V
SVDD to AGND
−0.3 V to +3.6 V
VIN+, VIN− to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
SYNC to AGND
−0.3 V to AVDD + 0.2 V
VREF to AGND
−0.3 V to AVDD + 0.2 V
SENSE to AGND
−0.3 V to AVDD + 0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
RBIAS to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to SVDD +0.3 V
SCLK/DFS to AGND
−0.3 V to SVDD +0.3 V
SDIO/DCS to AGND
−0.3V to SVDD + 0.3 V
OEB to AGND
−0.3 V to DRVDD + 0.2 V
PDWN to AGND
−0.3 V to DRVDD + 0.2 V
LVDS to AGND
−0.3 V to AVDD + 0.2 V
LVDS_RS to AGND
−0.3 V to AVDD + 0.2 V
DITHER to AGND
−0.3 V to AVDD + 0.2 V
D0 through D15 to AGND
−0.3 V to DRVDD + 0.2 V
DCO to AGND
−0.3 V to DRVDD + 0.2 V
Environmental
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the customer
board increases the reliability of the solder joints and maximizes
the thermal capability of the package.
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown, airflow improves heat dissipation, which
reduces θJA. In addition, metal in direct contact with the package
leads from metal traces, through holes, ground, and power
planes, reduces the θJA.
Table 7. Thermal Resistance
Package Type
Airflow
Velocity
(m/s)
θJA1,2
θJC1,3
θJB1,4
Unit
48-Lead LFCSP
(CP-48-8)
0
24.5
1.3
12.7
°C/W
1.0
21.4
°C/W
2.5
19.2
°C/W
1 Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3 Per MIL-Std 883, Method 1012.1.
4 Per JEDEC JESD51-8 (still air).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com