Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9265 Datasheet HTML 30Page - Analog Devices AD9265 Datasheet HTML 31Page - Analog Devices AD9265 Datasheet HTML 32Page - Analog Devices AD9265 Datasheet HTML 33Page - Analog Devices AD9265 Datasheet HTML 34Page - Analog Devices AD9265 Datasheet HTML 35Page - Analog Devices AD9265 Datasheet HTML 36Page - Analog Devices AD9265 Datasheet HTML 37Page - Analog Devices AD9265 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD9265
Rev. A | Page 34 of 44
SERIAL PORT INTERFACE (SPI)
The AD9265 serial port interface (SPI) allows the user to configure
the converter for specific functions or operations through a
structured register space provided inside the ADC. The SPI
gives the user added flexibility and customization, depending on
the application. Addresses are accessed via the serial port and
can be written to or read from via the port. Memory is organized
into bytes that can be further divided into fields, which are docu-
mented in the Memory Map section. For detailed operational
information, see AN-877 Application Note, Interfacing to High
Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK/DFS pin, the
SDIO/DCS pin, and the CSB pin (see Table 14). The SCLK/DFS
(a serial clock) is used to synchronize the read and write data
presented from and to the ADC. The SDIO/DCS (serial data
input/output) is a dual-purpose pin that allows data to be sent
and read from the internal ADC memory map registers. The
CSB (chip select bar) is an active low control that enables or
disables the read and write cycles.
Table 14. Serial Port Interface Pins
Pin Mnemonic
Function
SCLK/DFS
Serial clock. The SCLK function of the pin is for
the serial shift clock input, which is used to
synchronize serial interface reads and writes.
SDIO/DCS
SDIO is the serial data input/output function
of the pin. A dual-purpose pin that typically
serves as an input or an output, depending on
the instruction being sent and the relative
position in the timing frame.
CSB
Chip select bar. An active low control that
gates the read and write cycles.
The falling edge of the CSB, in conjunction with the rising edge
of the SCLK, determines the start of the framing. See Figure 84
and Table 5 for an example of the serial timing and its
definitions.
Other modes involving the CSB are available. The CSB can be
held low indefinitely, which permanently enables the device;
this is called streaming. The CSB can stall high between bytes to
allow for additional external timing. When CSB is tied high at
power-up, SPI functions are placed in high impedance mode.
This mode turns on any SPI pin secondary functions. When
CSB is toggled low after power-up, the part remains in SPI
mode and does not revert back to pin mode.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and its length is determined
by the W0 and W1 bits.
All data is composed of 8-bit words. The first bit of the first byte
in a multibyte serial data transfer frame indicates whether a read
command or a write command is issued. This allows the serial
data input/output (SDIO) pin to change direction from an input
to an output.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a readback
operation, performing a readback causes the serial data input/
output (SDIO) pin to change direction from an input to an output
at the appropriate point in the serial frame.
Data can be sent in MSB-first mode or in LSB-first mode. MSB
first is the default on power-up and can be changed via the SPI
port configuration register. For more information about this
and other features, see AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 14 comprise the physical interface
between the user programming device and the serial port of the
AD9265. The SCLK pin and the CSB pin function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The AD9265 has a separate supply pin for the SPI interface,
SVDD. The SVDD pin can be set at any level between 1.8 V
and 3.3 V to enable operation with a SPI bus at these voltages
without requiring level translation. If the SPI port is not used,
SVDD can be tied to the DRVDD voltage.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in AN-812 Application Note, Microcontroller-
Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used for
other devices, it may be necessary to provide buffers between
this bus and the AD9265 to prevent these signals from transi-
tioning at the converter inputs during critical sampling periods.
Some pins serve a dual function when the SPI interface is not
being used. When the pins are tied to AVDD or ground during
device power-on, they are associated with a specific function.
The Digital Outputs section describes those alternate functions
that are supported on the AD9265.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com