Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9265 Datasheet HTML 25Page - Analog Devices AD9265 Datasheet HTML 26Page - Analog Devices AD9265 Datasheet HTML 27Page - Analog Devices AD9265 Datasheet HTML 28Page - Analog Devices AD9265 Datasheet HTML 29Page - Analog Devices AD9265 Datasheet HTML 30Page - Analog Devices AD9265 Datasheet HTML 31Page - Analog Devices AD9265 Datasheet HTML 32Page - Analog Devices AD9265 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD9265
Rev. A | Page 29 of 44
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 73 shows the typical drift characteristics of the
internal reference in 1.0 V mode.
0.5
1.0
1.5
2.0
0
–0.5
–1.0
–1.5
–2.0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VREF = 1.0V
Figure 73. Typical VREF Drift Update Figure
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
6 kΩ load (see Figure 57). The internal buffer generates the
positive and negative full-scale references for the ADC core.
Therefore, the external reference must be limited to a maximum
of 1.0 V.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9265 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
(see Figure 74) and require no external bias.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 74. Equivalent Clock Input Circuit
Clock Input Options
The AD9265 has a very flexible clock input structure. Clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless of
the type of signal being used, clock source jitter is of the most
concern, as described in the Jitter Considerations section.
Figure 75 and Figure 76 show two preferred methods for clocking
the AD9265. A low jitter clock source is converted from a single-
ended signal to a differential signal using either an RF transformer
or an RF balun.
The RF balun configuration is recommended for clock frequencies
at 625 MHz and the RF transformer is recommended for clock
frequencies from 10 MHz to 200 MHz. The back-to-back Schottky
diodes across the transformer/balun secondary limit clock excur-
sions into the AD9265 to approximately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9265 while
preserving the fast rise and fall times of the signal that are critical
to low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD9265
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 75. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
AD9265
Figure 76. Balun-Coupled Differential Clock (625 MHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 77. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517/AD9518/AD9520/
AD9522 clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
AD9265
Figure 77. Differential PECL Sample Clock (Up To Rated Sample Rate)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 78. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517/
AD9518/AD9520/AD9522 clock drivers offer excellent jitter
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com