Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9265 Datasheet HTML 12Page - Analog Devices AD9265 Datasheet HTML 13Page - Analog Devices AD9265 Datasheet HTML 14Page - Analog Devices AD9265 Datasheet HTML 15Page - Analog Devices AD9265 Datasheet HTML 16Page - Analog Devices AD9265 Datasheet HTML 17Page - Analog Devices AD9265 Datasheet HTML 18Page - Analog Devices AD9265 Datasheet HTML 19Page - Analog Devices AD9265 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD9265
Rev. A | Page 16 of 44
120
70
80
90
100
110
–100 –90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNRFS (DITHER ON)
SNRFS (DITHER OFF)
SFDRFS (DITHER ON)
SFDRFS (DITHER OFF)
Figure 12. AD9265-80 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 30 MHz With and Without Dither Enabled
100
95
90
85
80
75
70
65
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
SNR @ –40°C
SFDR @ –40°C
SNR @ +25°C
SFDR @ +25°C
SNR @ +85°C
SFDR @ +85°C
Figure 13. AD9265-80 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 2 V p-p Full Scale
105
100
95
90
85
80
75
25
80
75
70
65
60
55
50
45
40
35
30
SAMPLE RATE (MSPS)
SFDR
SNR
Figure 14. AD9265-80 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
450,000
400,000
350,000
300,000
250,000
200,000
150,000
100,000
50,000
0
OUTPUT CODE
2.17 LSB RMS
Figure 15. AD9265-80 Grounded Input Histogram
4
3
2
1
0
–1
–2
–3
–4
0
10,000
20,000
30,000
40,000
50,000
60,000
OUTPUT CODE
INL WITHOUT DITHER
INL WITH DITHER
Figure 16. AD9265-80 INL with fIN = 12.5 MHz
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
0
10,000
20,000
30,000
40,000
50,000
60,000
OUTPUT CODE
Figure 17. AD9265-80 DNL with fIN = 12.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com