Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9265 Datasheet HTML 8Page - Analog Devices AD9265 Datasheet HTML 9Page - Analog Devices AD9265 Datasheet HTML 10Page - Analog Devices AD9265 Datasheet HTML 11Page - Analog Devices AD9265 Datasheet HTML 12Page - Analog Devices AD9265 Datasheet HTML 13Page - Analog Devices AD9265 Datasheet HTML 14Page - Analog Devices AD9265 Datasheet HTML 15Page - Analog Devices AD9265 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD9265
Rev. A | Page 12 of 44
Pin No.
Mnemonic
Type
Description
19
D9
Output
CMOS Output Data.
21
D10
Output
CMOS Output Data.
22
D11
Output
CMOS Output Data.
23
D12
Output
CMOS Output Data.
24
D13
Output
CMOS Output Data.
25
D14
Output
CMOS Output Data.
26
D15 (MSB)
Output
CMOS Output Data.
27
OR
Output
Overrange Output.
8
DCO
Output
Data Clock Output.
SPI Control
31
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
30
SDIO/DCS
Input/output
SPI Serial Data I/O/Duty Cycle Stabilizer Pin in External Pin Mode.
32
CSB
Input
SPI Chip Select (Active Low).
ADC Configuration
6
OEB
Input
Output Enable Input (Active Low).
35
DITHER
Input
In external pin mode, this pin sets dither to on (active high). Pull low for control via
SPI in SPI mode.
41
LVDS_RS
Input
In external pin mode, this pin sets LVDS reduced swing output mode (active high).
Pull low for control via SPI in SPI mode.
44
LVDS
Input
In external pin mode, this pin sets LVDS output mode (active high). Pull low for
control via SPI in SPI mode.
48
PDWN
Input
Power-Down Input in External Pin Mode. In SPI mode, this input can be configured as
power-down or standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com