Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9265 Datasheet HTML 13Page - Analog Devices AD9265 Datasheet HTML 14Page - Analog Devices AD9265 Datasheet HTML 15Page - Analog Devices AD9265 Datasheet HTML 16Page - Analog Devices AD9265 Datasheet HTML 17Page - Analog Devices AD9265 Datasheet HTML 18Page - Analog Devices AD9265 Datasheet HTML 19Page - Analog Devices AD9265 Datasheet HTML 20Page - Analog Devices AD9265 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AD9265
Rev. A | Page 17 of 44
0
–20
–40
–60
–80
–100
–120
–140
0
1020304050
FREQUENCY (MHz)
105MSPS
2.4MHz @ –1dBFS
SNR = 78.8dB (79.8dBFS)
SFDR = 91dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 18. AD9265-105 Single-Tone FFT with fIN = 2.4 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020304050
FREQUENCY (MHz)
105MSPS
70.1MHz @ –1dBFS
SNR = 78.3dB (79.3dBFS)
SFDR = 89dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 19. AD9265-105 Single-Tone FFT with fIN = 70.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020304050
FREQUENCY (MHz)
105MSPS
140.1MHz @ –1dBFS
SNR = 77.3dB (78.3dBFS)
SFDR = 86dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 20. AD9265-105 Single-Tone FFT with fIN = 140.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020304050
FREQUENCY (MHz)
105MSPS
200.3MHz @ –1dBFS
SNR = 75.9dB (76.9dBFS)
SFDR = 82dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 21. AD9265-105 Single-Tone FFT with fIN = 200.3 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
1020304050
FREQUENCY (MHz)
105MSPS
70.1MHz @ –6dBFS
SNR = 73.7dB (79.7dBFS)
SFDR = 92dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 22. AD9265-105 Single-Tone FFT with fIN = 70.1 MHz @ −6dBFS with
Dither Enabled
120
0
20
40
60
80
100
–100 –90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 23. AD9265-105 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 98.12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com