Electronic Components Datasheet Search
  English  ▼

X  

AD9265 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9265 Datasheet HTML 35Page - Analog Devices AD9265 Datasheet HTML 36Page - Analog Devices AD9265 Datasheet HTML 37Page - Analog Devices AD9265 Datasheet HTML 38Page - Analog Devices AD9265 Datasheet HTML 39Page - Analog Devices AD9265 Datasheet HTML 40Page - Analog Devices AD9265 Datasheet HTML 41Page - Analog Devices AD9265 Datasheet HTML 42Page - Analog Devices AD9265 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD9265
Rev. A | Page 39 of 44
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Sync Control (Register 0x100)
Bits[7:3]—Reserved
These bits are reserved.
Bit 2—Clock Divider Next Sync Only
If the master sync enable bit (Address 0x100, Bit 0) and the
clock divider sync enable bit (Address 0x100, Bit 1) are high, Bit 2
allows the clock divider to sync to the first sync pulse it receives
and to ignore the rest. The clock divider sync enable bit (Address
0x100, Bit 1) resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
enabled when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Enable
Bit 0 must be high to enable any of the sync functions. If the
sync capability is not used, this bit should remain low to
conserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com