Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 35Page - Analog Devices ADP8863 Datasheet HTML 36Page - Analog Devices ADP8863 Datasheet HTML 37Page - Analog Devices ADP8863 Datasheet HTML 38Page - Analog Devices ADP8863 Datasheet HTML 39Page - Analog Devices ADP8863 Datasheet HTML 40Page - Analog Devices ADP8863 Datasheet HTML 41Page - Analog Devices ADP8863 Datasheet HTML 42Page - Analog Devices ADP8863 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
ADP8863
Rev. 0 | Page 39 of 48
Independent Sink Current Fade (ISCF)—Register 0x13
Table 48. ISCF Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCFO
SCFI
Table 49. Bit Descriptions for the ISCF Register
Bit Name
Bit No.
Description
SCFO
[7:4]
Sink current fade out rate. The times listed here are for a full-scale fade out (30 mA to 0 mA). Fades between closer
current values reduce the fade time. See the Automated Fade In and Fade Out section for more information.
0000 = disabled
0001 = 0.30 sec
0010 = 0.60 sec
0011 = 0.90 sec
0100 = 1.2 sec
0101 = 1.5 sec
0110 = 1.8 sec
0111 = 2.1 sec
1000 = 2.4 sec
1001 = 2.7 sec
1010 = 3.0 sec
1011 = 3.5 sec
1100 = 4.0 sec
1101 = 4.5 sec
1110 = 5.0 sec
1111 = 5.5 sec
SCFI
[3:0]
Sink current fade in rate. The times listed here are for a full-scale fade in (0 mA to 30 mA). Fades between closer
current values reduce the fade time. See the Automated Fade In and Fade Out section for more information.
0000 = disabled
0001 = 0.30 sec
0010 = 0.60 sec
0011 = 0.90 sec
0100 = 1.2 sec
0101 = 1.5 sec
0110 = 1.8 sec
0111 = 2.1 sec
1000 = 2.4 sec
1001 = 2.7 sec
1010 = 3.0 sec
1011 = 3.5 sec
1100 = 4.0 sec
1101 = 4.5 sec
1110 = 5.0 sec
1111 = 5.5 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com