Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 2Page - Analog Devices ADP8863 Datasheet HTML 3Page - Analog Devices ADP8863 Datasheet HTML 4Page - Analog Devices ADP8863 Datasheet HTML 5Page - Analog Devices ADP8863 Datasheet HTML 6Page - Analog Devices ADP8863 Datasheet HTML 7Page - Analog Devices ADP8863 Datasheet HTML 8Page - Analog Devices ADP8863 Datasheet HTML 9Page - Analog Devices ADP8863 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
ADP8863
Rev. 0 | Page 6 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. CONNECT THE EXPOSED PADDLE
TO GND1 AND/OR GND2.
14
13
12
1
3
4
VIN
15 GND1
VOUT
C2+
11 C1+
D3
D1
2
D2
SCL
5
nRST
ADP8863
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
14
VIN
Input Voltage, 2.5 V to 5.5 V.
3
D1
LED Sink 1.
2
D2
LED Sink 2.
1
D3
LED Sink 3.
20
D4
LED Sink 4.
19
D5
LED Sink 5.
17
D6
LED Sink 6. This pin can also be selected as a comparator input for the second phototransistor.
16
D7
LED Sink 7.
18
CMP_IN
Comparator Input for Phototransistor. When using this function, a capacitor (0.1 μF recommended) must be
connected from this pin to ground.
13
VOUT
Charge Pump Output.
11
C1+
Charge Pump C1+.
9
C1−
Charge Pump C1−.
12
C2+
Charge Pump C2+.
10
C2−
Charge Pump C2−.
15
GND1
Ground. Connect the exposed pad to GND1 and/or GND2.
8
GND2
Ground. Connect the exposed pad to GND1 and/or GND2.
6
nINT
Processor Interrupt (Active Low). Requires an external pull-up resistor. If this pin is not used, it can be left floating.
5
nRST
Hardware Reset (Active Low). This pin resets the device to the default conditions. If not used, this pin must be tied
above VIH(MIN).
7
SDA
I2C Serial Data. Requires an external pull-up resistor.
4
SCL
I2C Clock. Requires an external pull-up resistor.
21
EPAD
Exposed Paddle. Connect the exposed paddle to GND1 and/or GND2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com