Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 5Page - Analog Devices ADP8863 Datasheet HTML 6Page - Analog Devices ADP8863 Datasheet HTML 7Page - Analog Devices ADP8863 Datasheet HTML 8Page - Analog Devices ADP8863 Datasheet HTML 9Page - Analog Devices ADP8863 Datasheet HTML 10Page - Analog Devices ADP8863 Datasheet HTML 11Page - Analog Devices ADP8863 Datasheet HTML 12Page - Analog Devices ADP8863 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
ADP8863
Rev. 0 | Page 9 of 48
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
3.0
2.5
3.5
4.0
4.5
5.0
5.5
VIN (V)
+25°C
+85°C
+105°C
–40°C
Figure 16. Typical ALS Current, IALS
5.5
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
–10
–40
20
50
80
110
JUNCTION TEMPERATURE (°C)
VIN = 3V
GAIN = 2×
IOUT = 10mA
Figure 17. Typical Regulated Output Voltage (VOUT(REG))
6.0
5.8
5.6
5.4
5.2
–10
–40
20
50
80
110
JUNCTION TEMPERATURE (°C)
OVP THRESHOLD
OVP RECOVERY
Figure 18. Typical Overvoltage Protection (OVP) Threshold
90
80
70
60
50
40
30
20
10
0
450
400
350
300
250
200
150
100
50
0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
IOUT = 140mA, Vf = 3.1V
IOUT = 210mA, Vf = 3.2V
Figure 19. Typical Efficiency (Low Vf Diode)
100
90
80
70
60
50
40
30
20
10
0
450
400
350
300
250
200
150
100
50
0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
IOUT = 140mA, Vf = 3.85V
IOUT = 210mA, Vf = 4.25V
Figure 20. Typical Efficiency (High Vf Diode)
1
3
T
500ns/DIV
VIN (AC-COUPLED) 50mV/DIV
VOUT (AC-COUPLED) 50mV/DIV
IIN (AC-COUPLED) 10mA/DIV
CIN = 1µF, COUT = 1µF, C1 = 1µF, C2 = 1µF
VIN = 3.6V
IOUT = 120mA
2
Figure 21. Typical Operating Waveforms, G = 1×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com