Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 21Page - Analog Devices ADP8863 Datasheet HTML 22Page - Analog Devices ADP8863 Datasheet HTML 23Page - Analog Devices ADP8863 Datasheet HTML 24Page - Analog Devices ADP8863 Datasheet HTML 25Page - Analog Devices ADP8863 Datasheet HTML 26Page - Analog Devices ADP8863 Datasheet HTML 27Page - Analog Devices ADP8863 Datasheet HTML 28Page - Analog Devices ADP8863 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
ADP8863
Rev. 0 | Page 25 of 48
Table 8. Register Set Definitions
Address (Hex)
Register Name
Description
0x00
MFDVID
Manufacturer and device ID
0x01
MDCR
Device mode and status
0x02
MDCR2
Device mode and Status Register 2
0x03
INTR_EN
Interrupts enable
0x04
CFGR
Configuration register
0x05
BLSEN
Sink enable, backlight or independent
0x06
BLOFF
Backlight off timeout
0x07
BLDIM
Backlight dim timeout
0x08
BLFR
Backlight fade in and fade out rates
0x09
BLMX1
Backlight (brightness Level 1—daylight) maximum current
0x0A
BLDM1
Backlight (brightness Level 1—daylight) dim current
0x0B
BLMX2
Backlight (brightness Level 2—office) maximum current
0x0C
BLDM2
Backlight (brightness Level 2—office) dim current
0x0D
BLMX3
Backlight (brightness Level 3—dark) maximum current
0x0E
BLDM3
Backlight (brightness Level 3—dark) dim current
0x0F
ISCFR
Independent sink current fade control register
0x10
ISCC
Independent sink current control register
0x11
ISCT1
Independent sink current timer register, LED[7:5]
0x12
ISCT2
Independent sink current timer register, LED[4:1]
0x13
ISCF
Independent sink current fade register
0x14
ISC7
Independent sink current, LED7
0x15
ISC6
Independent sink current, LED6
0x16
ISC5
Independent sink current, LED5
0x17
ISC4
Independent sink current, LED4
0x18
ISC3
Independent sink current, LED3
0x19
ISC2
Independent sink current, LED2
0x1A
ISC1
Independent sink current, LED1
0x1B
CCFG
Comparator configuration
0x1C
CCFG2
Second comparator configuration
0x1D
L2_TRP
L2 comparator reference
0x1E
L2_HYS
L2 hysteresis
0x1F
L3_TRP
L3 comparator reference
0x20
L3_HYS
L3 hysteresis
0x21
PH1LEVL
First phototransistor ambient light level—low byte register
0x22
PH1LEVH
First phototransistor ambient light level—high byte register
0x23
PH2LEVL
Second phototransistor ambient light level—low byte register
0x24
PH2LEVH
Second phototransistor ambient light level—high byte register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com