Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 12Page - Analog Devices ADP8863 Datasheet HTML 13Page - Analog Devices ADP8863 Datasheet HTML 14Page - Analog Devices ADP8863 Datasheet HTML 15Page - Analog Devices ADP8863 Datasheet HTML 16Page - Analog Devices ADP8863 Datasheet HTML 17Page - Analog Devices ADP8863 Datasheet HTML 18Page - Analog Devices ADP8863 Datasheet HTML 19Page - Analog Devices ADP8863 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
ADP8863
Rev. 0 | Page 16 of 48
BACKLIGHT OPERATING LEVELS
Backlight brightness control operates at three distinct levels:
daylight (L1), office (L2), and dark (L3). The BLV bits in
Register 0x04 control the specific level at which the backlight
operates. These bits can be changed manually or, if in automatic
mode (CMP_AUTOEN is set high in Register 0x01), by the
ambient light sensor (see the Ambient Light Sensing section).
By default, the backlight operates at daylight level (BLV = 00),
where the maximum brightness is set using Register 0x09
(BLMX1). A daylight dim setting can also be set using Register
0x0A (BLDM1). When operating at office level (BLV = 01), the
backlight maximum and dim brightness settings are set using
Register 0x0B (BLMX2) and Register 0x0C (BLDM2). When
operating at the dark level (BLV = 10), the backlight maximum
and dim brightness settings are set using Register 0x0D (BLMX3)
and Register 0x0E (BLDM3).
DAYLIGHT (L1)
OFFICE (L2)
DARK (L3)
BACKLIGHT OPERATING LEVELS
DAYLIGHT_DIM
DAYLIGHT_MAX
OFFICE_MAX
DARK_MAX
DARK_DIM
OFFICE_DIM
0
30mA
Figure 32. Backlight Operating Levels
BACKLIGHT TURN ON/TURN OFF/DIM
With the device in active mode (nSTBY = 1), the backlight can
be turned on using the BL_EN bit in Register 0x01. Before
turning on the backlight, select the level (daylight (L1), office
(L2), or dark (L3)) to operate in and ensure that maximum and
dim settings are programmed for that level. The backlight turns
on when BL_EN = 1. The backlight turns off when BL_EN = 0.
MAX
BL_EN = 1
BL_EN = 0
BACKLIGHT
CURRENT
Figure 33. Backlight Turn On/Turn Off
While the backlight is on (BL_EN = 1), the user can change to
the dim setting by programming DIM_EN = 1 in Register 0x01.
If DIM_EN = 0, the backlight reverts to its maximum setting.
MAX
DIM
BL_EN = 1 DIM_EN = 1
DIM_EN = 0 BL_EN = 0
BACKLIGHT
CURRENT
Figure 34. Backlight Turn On/Dim/Turn Off
The maximum and dim settings can be set from 0 mA to 30 mA;
therefore, it is possible to program a dim setting that is greater
than a maximum setting. For normal expected operation,
ensure that the dim setting is programmed to be less than the
maximum setting.
AUTOMATIC DIM AND TURN OFF TIMERS
The user can program the backlight to dim automatically by
using the DIMT bits in Register 0x07. The dim timer has 127
settings ranging from 1 sec to 127 sec. Program the dim timer
(DIMT) before turning on the backlight. If BL_EN = 1, the
backlight turns on to its maximum setting and the dim timer
starts counting. When the dim timer expires, the internal state
machine sets DIM_EN = 1, and the backlight enters its dim
setting.
MAX
DIM
BL_EN = 1
BL_EN = 0
DIM_EN = 1
DIM_EN = 0 DIM_EN = 1
BACKLIGHT
CURRENT
DIM TIMER
RUNNING
DIM TIMER
RUNNING
SET BY USER
SET BY INTERNAL STATEMACHINE
Figure 35. Dim Timer
If the user clears the DIM_EN bit, the backlight reverts to its
maximum setting and the dim timer begins counting again.
When the dim timer expires, the internal state machine again
sets DIM_EN = 1, and the backlight enters its dim setting. The
backlight can be turned off at any point during the dim timer
countdown by clearing BL_EN.
The user can also program the backlight to turn off automati-
cally by using the OFFT bits in Register 0x06. The off timer has
127 settings ranging from 1 sec to 127 sec. Program the off
timer (OFFT) before turning on the backlight. If BL_EN = 1,
the backlight turns on to its maximum setting and the off timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com