Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 26Page - Analog Devices ADP8863 Datasheet HTML 27Page - Analog Devices ADP8863 Datasheet HTML 28Page - Analog Devices ADP8863 Datasheet HTML 29Page - Analog Devices ADP8863 Datasheet HTML 30Page - Analog Devices ADP8863 Datasheet HTML 31Page - Analog Devices ADP8863 Datasheet HTML 32Page - Analog Devices ADP8863 Datasheet HTML 33Page - Analog Devices ADP8863 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
ADP8863
Rev. 0 | Page 30 of 48
Bit Name
Bit No.
Description
D2EN
1
Diode 2 backlight sink enable
1 = selects LED2 as an independent sink
0 = connects LED2 sink to backlight enable (BL_EN)
D1EN
0
Diode 1 backlight sink enable
1 = selects LED1 as an independent sink
0 = connects LED1 sink to backlight enable (BL_EN)
Backlight Off Timeout (BLOFF)—Register 0x06
Table 21. BLOFF Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
OFFT
Table 22. Bit Descriptions for the BLOFF Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
OFFT
[6:0]
Backlight off timeout. After the off timeout (OFFT) period, the backlight turns off. If the dim timeout (DIMT) is
enabled, the off timeout starts after the dim timeout.
0000000 = timeout disabled
0000001 = 1 sec
0000010 = 2 sec
0000011 = 3 sec
…
1111111 = 127 sec
Backlight Dim Timeout (BLDIM)—Register 0x07
Table 23. BLDIM Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
DIMT
Table 24. Bit Descriptions for the BLDIM Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
DIMT
[6:0]
Backlight dim timeout. After the dim timeout (DIMT) period, the backlight is set to the dim current value. The dim
timeout starts after the backlight reaches the maximum current.
0000000 = timeout disabled
0000001 = 1 sec
0000010 = 2 sec
0000011 = 3 sec
…
1111111 = 127 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com