Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 23Page - Analog Devices ADP8863 Datasheet HTML 24Page - Analog Devices ADP8863 Datasheet HTML 25Page - Analog Devices ADP8863 Datasheet HTML 26Page - Analog Devices ADP8863 Datasheet HTML 27Page - Analog Devices ADP8863 Datasheet HTML 28Page - Analog Devices ADP8863 Datasheet HTML 29Page - Analog Devices ADP8863 Datasheet HTML 30Page - Analog Devices ADP8863 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
ADP8863
Rev. 0 | Page 27 of 48
Manufacturer and Device ID (MFDVID)—Register 0x00
This is a read-only register.
Table 10. MFDVID Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Manufacturer ID
Device ID
0
0
1
0
1
0
1
0
Mode Control Register (MDCR)—Register 0x01
Table 11. MDCR Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
INT_CFG
nSTBY
DIM_EN
GDWN_DIS
SIS_EN
CMP_AUTOEN
BL_EN
Table 12. Bit Descriptions for the MDCR Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
INT_CFG
6
Interrupt configuration.
1 = processor interrupt deasserts for 50 μs and reasserts with pending events.
0 = processor interrupt remains asserted if the host tries to clear the interrupt while there is a pending event.
nSTBY
5
1 = device is in active mode.
0 = device is in standby mode; only the I2C interface is enabled.
DIM_EN
4
DIM_EN is set by the hardware after a dim timeout. The user may also force the backlight into dim mode by
asserting this bit. Dim mode can only be entered if BL_EN is also enabled.
1 = backlight is operating at the dim current level (BL_EN must also be asserted).
0 = backlight is not in dim mode.
GDWN_DIS
3
Gain down disable bit. Setting this bit does not allow the charge pump to switch to lower gains.
1 = the charge pump does not switch down in gain until all LEDs are off. The charge pump switches up in gain as
needed. This feature is useful if the ADP8863 charge pump is used to drive an external load. This feature must be
used when utilizing small fly capacitors (0402 or smaller).
0 = the charge pump automatically switches up and down in gain. This provides optimal efficiency, but is not
suitable for driving loads that are not connected through the ADP8863 diode drivers. Additionally, the charge
pump fly capacitors should be low ESR and sized 0603 or greater.
SIS_EN
2
Synchronous independent sinks enable.
1 = enables all LED current sinks designated as independent sinks. All of the ISC enable bits must be cleared;
if any of the SCx_EN bits in Register 0x10 are set, this bit has no effect.
0 = disables all sinks designated as independent sinks. All of the ISC enable bits must be cleared; if any of the
SCx_EN bits in Register 0x10 are set, this bit has no effect.
CMP_AUTOEN
1
1 = backlight automatically responds to the comparator outputs (L2_OUT and L3_OUT). L2_EN and/or L3_EN
must be set for this to function. BLV values in Register 0x04 are overridden.
0 = backlight does not respond automatically to comparator level changes. The user can manually select
backlight operating levels using Bit BLV in Register 0x04.
BL_EN
0
1 = backlight is enabled (nSTBY must also be asserted).
0 = backlight is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com