Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 5 Page - Analog Devices

  ADP8863 Datasheet HTML 1Page - Analog Devices ADP8863 Datasheet HTML 2Page - Analog Devices ADP8863 Datasheet HTML 3Page - Analog Devices ADP8863 Datasheet HTML 4Page - Analog Devices ADP8863 Datasheet HTML 5Page - Analog Devices ADP8863 Datasheet HTML 6Page - Analog Devices ADP8863 Datasheet HTML 7Page - Analog Devices ADP8863 Datasheet HTML 8Page - Analog Devices ADP8863 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
ADP8863
Rev. 0 | Page 5 of 48
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, VOUT
−0.3 V to +6 V
D1, D2, D3, D4, D5, D6, and D7
−0.3 V to +6 V
CMP_IN
−0.3 V to +6 V
nINT, nRST, SCL, and SDA
−0.3 V to +6 V
Output Short-Circuit Duration
Indefinite
Operating Ambient Temperature Range
–40°C to +85°C1
Operating Junction Temperature Range
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
ESD (Electrostatic Discharge)
Human Body Model (HBM)
±3 kV
Charged Device Model (CDM)
±1.5 kV
1 The maximum operating junction temperature (TJ(MAX)) takes precedence
over the maximum operating ambient temperature (TA(MAX)). See the
Maximum Temperature Ranges section for more information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all voltages are
referenced to ground.
MAXIMUM TEMPERATURE RANGES
The maximum operating junction temperature (TJ(MAX)) takes
precedence over the maximum operating ambient temperature
(TA(MAX)). Therefore, in situations where the ADP8863 is
exposed to poor thermal resistance and high power dissipation
(PD), the maximum ambient temperature may need to be
derated. In these cases, the maximum ambient temperature can
be calculated with the following equation:
TA(MAX) = TJ(MAX) − (θJA × PD(MAX))
THERMAL RESISTANCE
θJA (junction to air) is specified for the worst-case conditions,
that is, a device soldered in a circuit board for surface-mount
packages. The θJA, θJB (junction to board), and θJC (junction to
case) are determined according to JESD51-9 on a 4-layer
printed circuit board (PCB) with natural convection cooling.
For the LFCSP package, the exposed pad must be soldered to
the GND1 and/or GND2 terminal(s) on the board.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
20-Lead LFCSP_WQ
49.5
5.3
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com