Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 20Page - Analog Devices ADP8863 Datasheet HTML 21Page - Analog Devices ADP8863 Datasheet HTML 22Page - Analog Devices ADP8863 Datasheet HTML 23Page - Analog Devices ADP8863 Datasheet HTML 24Page - Analog Devices ADP8863 Datasheet HTML 25Page - Analog Devices ADP8863 Datasheet HTML 26Page - Analog Devices ADP8863 Datasheet HTML 27Page - Analog Devices ADP8863 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ADP8863
Rev. 0 | Page 24 of 48
I2C PROGRAMMING AND DIGITAL CONTROL
The ADP8863 provides full software programmability to facili-
tate its adoption in various product architectures. The I2C address
is 0101011x (x = 0 during write, x = 1 during read). Therefore,
the write address is 0x56 and the read address is 0x57.
Note the following general behavior of registers:
•
All registers are set to their default values during reset or
after a UVLO event.
•
All registers are read/write unless otherwise specified.
•
Unused bits are read as zero.
Table 8 to Table 84 provide register and bit descriptions. The
reset value for all bits in the bit map tables is all 0s, except in
Table 10 (see Table 10 for its unique reset value). Wherever the
acronym N/A appears in the tables, it means not applicable.
ST
ACK
ACK
ACK
010
1011
ST
R/W
SLAVE TO MASTER
MASTER TO SLAVE
DEVICE ID
FOR WRITE
OPERATION
SELECT REGISTER TO WRITE
8-BIT VALUE TO WRITE IN THE
ADDRESSED REGISTER
B0
B7
B0
B7
B0
B7
REGISTER VALUE
REGISTER ADDRESS
Figure 48. I2C Write Sequence
SLAVE TO MASTER
MASTER TO SLAVE
DEVICE ID
FOR WRITE
OPERATION
SELECT REGISTER TO WRITE
8-BIT VALUE TO WRITE IN THE
ADDRESSED REGISTER
B0
B7
B0
B7
B0
B7
B0
B7
ST
R/W
ACK
ACK
ACK
ACK
010
101
1
ST
RS 0
1010
11 R/W
DEVICE ID
FOR READ
OPERATION
REGISTER ADDRESS
REGISTER VALUE
Figure 49. I2C Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com