Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 24Page - Analog Devices ADP8863 Datasheet HTML 25Page - Analog Devices ADP8863 Datasheet HTML 26Page - Analog Devices ADP8863 Datasheet HTML 27Page - Analog Devices ADP8863 Datasheet HTML 28Page - Analog Devices ADP8863 Datasheet HTML 29Page - Analog Devices ADP8863 Datasheet HTML 30Page - Analog Devices ADP8863 Datasheet HTML 31Page - Analog Devices ADP8863 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
ADP8863
Rev. 0 | Page 28 of 48
Mode Control Register 2 (MDCR2)—Register 0x02
Table 13. MDCR2 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SHORT_INT
TSD_INT
OVP_INT
CMP2_INT
CMP_INT
Table 14. Bit Descriptions for the MDCR2 Register
Bit Name
Bit No.
Description1
N/A
[7:5]
Reserved.
SHORT_INT
4
Short-circuit error interrupt.
1 = a short-circuit or overload condition on VOUT has been detected.
0 = no short-circuit or overload condition has been detected.
TSD_INT
3
Thermal shutdown interrupt.
1 = the device temperature has exceeded 150°C (typical).
0 = no overtemperature condition has been detected.
OVP_INT
2
Overvoltage interrupt.
1 = VOUT has exceeded VOVP.
0 = VOUT has not exceeded VOVP.
CMP2_INT
1
1 = the second ALS comparator (CMP_IN2) has changed state.
0 = the second sensor comparator has not been triggered.
CMP_INT
0
1 = main ALS comparator (CMP_IN) has changed state.
0 = the main sensor comparator has not been triggered.
1 Interrupt bits are cleared by writing a 1 to the flag; writing a 0 or reading the flag has no effect.
Interrupt Enable (INTR_EN)—Register 0x03
Table 15. INTR_EN Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SHORT_IEN
TSD_IEN
OVP_IEN
CMP2_IEN
CMP_IEN
Table 16. Bit Descriptions for the INTR_EN Register
Bit Name
Bit No.
Description
N/A
[7:5]
Reserved.
SHORT_IEN
4
Short-circuit interrupt is enabled. When the SHORT_INT status bit is set after an error condition, an interrupt is
raised to the host if the SHORT_IEN flag is enabled.
1 = the short-circuit interrupt is enabled.
0 = the short-circuit interrupt is disabled (the SHORT_INT flag continues to assert).
TSD_IEN
3
Thermal shutdown interrupt is enabled. When the TSD_INT status bit is set after an error condition, an interrupt is
raised to the host if the TSD_IEN flag is enabled.
1 = the thermal shutdown interrupt is enabled.
0 = the thermal shutdown interrupt is disabled (the TSD_INT flag continues to assert).
OVP_IEN
2
Overvoltage interrupt enabled. When the OVP_INT status bit is set after an error condition, an interrupt is raised to
the host if the OVP_IEN flag is enabled.
1 = the overvoltage interrupt is enabled.
0 = the overvoltage interrupt is disabled (the OVP_INT flag continues to assert).
CMP2_IEN
1
When the CMP2_INT status bit is set after an enabled comparator trips, an interrupt is raised if the CMP2_IEN flag is
enabled.
1 = the second phototransistor comparator interrupt is enabled.
0 = the second phototransistor comparator interrupt is disabled (the CMP2_INT flag continues to assert).
CMP_IEN
0
When the CMP_INT status bit is set after an enabled comparator trips, an interrupt is raised if the CMP_IEN flag is
enabled.
1 = the main comparator interrupt is enabled.
0 = the main comparator interrupt is disabled (the CMP_INT flag continues to assert).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com