Electronic Components Datasheet Search
  English  ▼

X  

ADP8863 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 40Page - Analog Devices ADP8863 Datasheet HTML 41Page - Analog Devices ADP8863 Datasheet HTML 42Page - Analog Devices ADP8863 Datasheet HTML 43Page - Analog Devices ADP8863 Datasheet HTML 44Page - Analog Devices ADP8863 Datasheet HTML 45Page - Analog Devices ADP8863 Datasheet HTML 46Page - Analog Devices ADP8863 Datasheet HTML 47Page - Analog Devices ADP8863 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
ADP8863
Rev. 0 | Page 46 of 48
Comparator Level 3 Threshold (L3_TRP)—Register 0x1F
Table 73. L3_TRP Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L3_TRP
Table 74. Bit Descriptions for the L3_TRP Register
Bit Name
Bit No.
Description
L3_TRP
7:0
Comparator Level 3 threshold. If the comparator input is below L3_TRP, the comparator trips and the
backlight enters Level 3 (dark) mode. The following lists the code settings for photosensor current:
00000000 = 0 μA
00000001 = 0.54 μA
00000010 = 1.08 μA
00000011 = 1.62 μA
…
11111111 = 137.7 μA
Comparator Level 3 Hysteresis (L3_HYS)—Register 0x20
Table 75. L3_HYS Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L3_HYS
Table 76. Bit Descriptions for the L3_HYS Register
Bit Name
Bit No.
Description
L3_HYS
[7:0]
Comparator Level 3 hysteresis. If the comparator input is above L3_TRP + L3_HYS, the comparator trips
and the backlight enters Level 2 (office) mode. The following lists the code settings for photosensor
current hysteresis:
00000000 = 0 μA
00000001 = 0.54 μA
00000010 = 1.08 μA
00000011 = 1.62 μA
…
11111111 = 137.7 μA
First Phototransistor Register: Low Byte (PH1LEVL)—Register 0x21
Table 77. PH1LEVL Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PH1LEV_LOW
Table 78. Bit Descriptions for the PH1LEVL Register
Bit Name
Bit No.
Description
PH1LEV_LOW
[7:0]
Lower eight bits of the 13-bit conversion value for the first light sensor (Bit 7 to Bit 0). The value is
updated every 80 ms (when the light sensor is enabled). This is a read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com