Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments TMP512 Datasheet HTML 35Page - Texas Instruments TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments TMP512 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
Configuration Register 2—Temperature Measurement Configuration 01h (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
CONT
REN3
REN2
REN1
LEN
RC
R2
R1
R0
—
—
—
—
GP
GPM1
GPM0
NAME
TMP512
POR
1
0
1
1
1
1
1
1
1
0
0
0
0
X
0
0
VALUE
TMP513
POR
1
1
1
1
1
1
1
1
1
0
0
0
0
X
0
0
VALUE
CONT:
Continuous Conversion
Bit 15
0: When all bits 14 to 11 are '0', the temp sensor core goes immediately to shutdown mode. When all bits 14 to 11
are not '0', the temp sensor core stops when all enabled conversions are done. When this bit is '0', a one-shot
command can be triggered by writing a "1" to bit 14 of Configuration Register 1.
1: Continuous temperature conversion mode.
REN3:
Remote Channel 3 Enable (TMP513 only)
Bit 14
0: Remote channel 3 disabled.
1: Remote channel 3 enabled.
REN2:
Remote Channel 2 Enable
Bit 13
0: Remote channel 2 disabled.
1: Remote channel 2 enabled.
REN1:
Remote Channel 1 Enable
Bit 12
0: Remote channel 1 disabled.
1: Remote channel 1 enabled.
LEN:
Local Temperature Enable
Bit 11
0: Local temperature disabled.
1: Local temperature enabled.
RC:
Resistance Correction
Bit 10
0: Resistance correction disabled.
1: Resistance correction enabled.
R2, R1, R0:
Conversion Rate
Bits 9-7
These bits set the conversion rate as shown in Table 7.
Table 7. Conversion Rate Settings(1)
R2
R1
R0
CONVERSIONS/SEC
0
0
0
0.0625
0
0
1
0.125
0
1
0
0.25
0
1
1
0.5
1
0
0
1
1
0
1
2
1
1
0
4(2)
1
1
1
8(3)
(1)
Shaded values are default.
(2)
Conversion rate shown is for only one or two enabled measurement channels. When three channels
are enabled, the conversion rate is 2 and 2/3 conversions per second. When four channels are
enabled, the conversion rate is 2 per second.
(3)
Conversion rate shown is for only one enabled measurement channel. When two channels are
enabled, the conversion rate is 4 conversions per second. When three channels are enabled, the
conversion rate is 2 and 2/3 conversions per second.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com