Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments TMP512 Datasheet HTML 50Page - Texas Instruments TMP512 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
n-Factor 1 Register 16h (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
NF7
NF6
NF5
NF4
NF3
NF2
NF1
NF0
HST7
HST6
HST5
HST4
HST3
HST2
HST1
HST0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
NF7–NF0:
n-Factor Bits
Bits 15-8
Shows the n-factor for Channel 1 according to the range indicated in Table 11.
Table 11. n-Factor Range(1)
NADJUST
BINARY
HEX
DECIMAL
n
0111 1111
7F
127
1.747977
0000 1010
0A
10
1.042759
0000 1000
08
8
1.035616
0000 0110
06
6
1.028571
0000 0100
04
4
1.021622
0000 0010
02
2
1.014765
0000 0001
01
1
1.011371
0000 0000
00
0
1.008
1111 1111
FF
–1
1.004651
1111 1110
FE
–2
1.001325
1111 1100
FC
–4
0.994737
1111 1010
FA
–6
0.988235
1111 1000
F8
–8
0.981818
1111 0110
F6
–10
0.975484
1000 0000
80
–128
0.706542
(1)
Shaded values are default.
HST7–HST0:
Hysteresis Register Bits
Bits 7-0
The hysteresis register is binary coded. 1LSB is equal to 0.5°C, so the possible hysteresis range is 0°C to 127.5°C.
n-Factor 2 Register 17h (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
NF7
NF6
NF5
NF4
NF3
NF2
NF1
NF0
—
—
—
—
—
—
—
—
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
NF7–NF0:
n-Factor Bits
Bits 15-8
Shows the n-factor for Channel 2 according to the range indicated in Table 11.
n-Factor 3 Register 18h (TMP513 Only) (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
NF7
NF6
NF5
NF4
NF3
NF2
NF1
NF0
—
—
—
—
—
—
—
—
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
NF7–NF0:
n-Factor Bits
Bits 15-8
Shows the n-factor for Channel 3 according to the range indicated in Table 11.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com