Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments TMP512 Datasheet HTML 27Page - Texas Instruments TMP512 Datasheet HTML 28Page - Texas Instruments TMP512 Datasheet HTML 29Page - Texas Instruments TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Power_LSB=20Current_LSB
Power_LSB=400
10
´
-6
Max_Current=Current_LSB
32767
´
Max_Current=0.65534
Max_ShuntVoltage=Max_Current_Before_Overflow
R
´
SHUNT
Max_ShuntVoltage=0.32
MaximumPower=Max_Current_Before_Overflow
V
´
BUS_MAX
MaximumPower=20.48
Corrected_Full_Scale_Cal=trunc
Cal
MeasShuntCurrent
TMP513_Current
´
Corrected_Full_Scale_Cal=3548
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
6. Calculate the Power LSB with Equation 10. Equation 10 shows a general formula; because the bus voltage
measurement LSB is always 4mV, the power formula reduces to the calculated result.
(10)
7. Compute the maximum current and shunt voltage values (before overflow), as shown by Equation 11 and
Equation 12. Note that both Equation 11 and Equation 12 involve an If - then condition:
(11)
If Max_Current
≥ MaxPossible_I then
Max_Current_Before_Overflow = MaxPossible_I
Else
Max_Current_Before_Overflow = Max_Current
End If
(Note that Max_Current is greater than MaxPossible_I in this example.)
Max_Current_Before_Overflow = 0.64
(12)
If Max_ShuntVoltage
≥ VSHUNT_MAX
Max_ShuntVoltage_Before_Overflow = VSHUNT_MAX
Else
Max_ShuntVoltage_Before_Overflow= Max_ShuntVoltage
End If
(Note that Max_ShuntVoltage is greater than VSHUNT_MAX in this example.)
Max_ShuntVoltage_Before_Overflow = 0.32
8. Compute the maximum power with Equation 13.
(13)
9. (Optional second Calibration step.) Compute corrected full-scale calibration value based on measured
current.
TMP513_Current = 0.63484
MeaShuntCurrent = 0.55
(14)
Figure 30 illustrates how to perform the same procedure discussed in this example using the automated
TMP512/13EVM software. Note that the same numbers used in this nine-step example are used in the software
example. Note also that Figure 30 illustrates which results correspond to which step (for example, the information
entered in Step 1 is enclosed in a box in Figure 30 and labeled).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com