Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 4 Page - Texas Instruments

  TMP512 Datasheet HTML 1Page - Texas Instruments TMP512 Datasheet HTML 2Page - Texas Instruments TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TMP512
TMP513
SBOS491 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: V+ = +12V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, V+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG
(1) = 1, unless otherwise noted.
TMP512, TMP513
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Current Sense (Input) Voltage Range
PGA = ÷ 1
0
±40
mV
PGA = ÷ 2
0
±80
mV
PGA = ÷ 4
0
±160
mV
PGA = ÷ 8
0
±320
mV
Bus Voltage (Input Voltage) Range(2)
BRNG = 0
0
16
V
BRNG = 1
0
32
V
Common-Mode Rejection
CMRR
VIN+ = 0V to 26V
100
120
dB
Offset Voltage, RTI(3)
VOS
PGA = ÷ 1
±10
±100
mV
PGA = ÷ 2
±20
±125
mV
PGA = ÷ 4
±30
±150
mV
PGA = ÷ 8
±40
±200
mV
vs Temperature
0.2
mV/°C
V+ = 3V to 5.5V, Configuration 3(4)
10
mV/V
vs Power Supply
PSRR
V+ = 4.5V to 26V, subregulator supply
0.1
mV/V
Current Sense Gain Error
±0.04
%
vs Temperature
0.0025
%
Input Impedance
Active Mode
VIN+ Pin
20
mA
VIN– Pin
20 || 320
mA || kΩ
Input Leakage
Power-Down Mode
VIN+ Pin
0.1
0.5
mA
VIN– Pin
0.1
0.5
mA
DC ACCURACY
ADC Basic Resolution
12
Bits
1 LSB Step Size
Shunt Voltage
10
mV
Bus Voltage
4
mV
Current Measurement Error
±0.2
±0.5
%
over Temperature
±1
%
Bus Voltage Measurement Error
±0.2
±0.5
%
over Temperature
±1
%
Differential Nonlinearity
±0.1
LSB
ADC TIMING
ADC Conversion Time
12-Bit
665
733
ms
11-Bit
345
380
ms
10-Bit
185
204
ms
9-Bit
105
117
ms
(1)
BRNG is bit 13 of Configuration Register 1.
(2)
This parameter only expresses the full-scale range of the ADC scaling. In no event should more than 26V be applied to this device.
(3)
Referred-to-input (RTI).
(4)
See Subregulator section.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com