Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments TMP512 Datasheet HTML 35Page - Texas Instruments TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments TMP512 Datasheet HTML 39Page - Texas Instruments TMP512 Datasheet HTML 40Page - Texas Instruments TMP512 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
Status Register 02h (Read)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SHP
SHN
BVP
BVN
PWR
LCL
RM1
RM2
RM3
CVR
CRT
PVLD
SMBA
OVF
—
—
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
The Status Register flags activate whenever any limit is violated, and latch if the alert is in latch mode. In latch
mode, these flags are cleared when the Status Register is read (if the limit is exceeded, then at next conversion
end, the flag sets again). In transparent mode, these flags are cleared when any corresponding limit is not
violated any longer.
After power-up and initial setup, the Status Register should be read once to clear any flags set as a result of
power-up values prior to setup.
Bit Descriptions
SHP:
Shunt Positive Over-Voltage
Bit 15
This bit is set to '1' when the result in the Shunt Voltage Register (04h) exceeds the level set in the Shunt Positive
Limit Register (0Ch).
SHN:
Shunt Negative Under-Voltage
Bit 14
This bit is set to '1' when the result in the Shunt Voltage Register (04h) goes below the level set in the Shunt
Negative Limit Register (0Dh).
BVP:
Bus Positive Over-Voltage
Bit 13
This bit is set to '1' when the result in the Bus Voltage Register (05h) exceeds the level set in the Bus Voltage
Positive Limit Register (0Eh).
BVN:
Bus Negative Under-Voltage
Bit 12
This bit is set to '1' when the result in the Bus Voltage Register (05h) goes below the level set in the Bus Voltage
Negative Limit Register (0Fh).
PWR:
Power Over–Limit
Bit 11
This bit is set to '1' when the result in the Power Register (06h) exceeds the level set in the Power Limit Register
(10h).
LCL:
Local Temperature Over-Limit
Bit 10
This bit is set to '1' when the result in the Local Temperature Result Register (08h) exceeds the level set in the
Local Temperature Limit Register (11h) plus half of the temperature hysteresis. It clears in transparent mode when
the result in the Local Temperature Result Register (08h) is below the level set in the Local Temperature Limit
Register (11h) minus half of the temperature hysteresis.
RM1:
Remote Temperature 1 Over-Limit
Bit 9
This bit is set to '1' when the result in the Remote Temperature Result 1 Register (09h) exceeds the level set in the
Remote Temperature Limit 1 Register (12h) plus half of the temperature hysteresis. It also sets if, during conversion
of remote channel 1, an open diode condition was detected. It clears in transparent mode when the result in the
Remote Temperature Result 1 Register (09h) is below the level set in the Remote Temperature Limit 1 Register
(12h) minus half of the temperature hysteresis, and the last conversion of channel 1 was done without open-diode
detection.
RM2:
Remote Temperature 2 Over-Limit
Bit 8
This bit is set to '1' when the result in the Remote Temperature Result 2 Register (0Ah) exceeds the level set in the
Remote Temperature Limit 2 Register (13h) plus half of the temperature hysteresis. It also sets if, during conversion
of remote channel 2, an open diode condition was detected. It clears in transparent mode when the result in the
Remote Temperature Result 2 Register (0Ah) is below the level set in the Remote Temperature Limit 2 Register
(13h) minus half of the temperature hysteresis, and the last conversion of channel 2 was done without open-diode
detection.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com