Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments TMP512 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
TMP512
TMP513
SBOS491 – JUNE 2010
www.ti.com
Bus Voltage Negative Limit Register 0Fh (Read/Write)
At full-scale range = 32V (decimal = 8000, hex = 1F40), and LSB = 4mV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
BUO12
BUO11
BUO10
BUO9
BUO8
BUO7
BUO6
BUO5
BUO4
BUO3
BUO2
BUO1
BUO0
—
—
—
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Power Limit Register 10h (Read/Write)
At full-scale range, same as the Power Register (06h).
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
PW15
PW14
PW13
PW12
PW11
PW10
PW9
PW8
PW7
PW6
PW5
PW4
PW3
PW2
PW1
PW0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Local Temperature Limit Register 11h, Remote Temperature Limit 1 Register 12h, Remote Temperature
Limit 2 Register 13h, Remote Temperature Limit 3 Register 14h (TMP513 Only) (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
TH12
TH11
TH10
TH9
TH8
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
—
—
—
NAME
POR
0
0
1
0
1
0
1
0
1
0
0
0
0
0
0
0
VALUE
The data format is 13 bits.
TH12–TH0:
Temperature Limit
Bits 15-3
Shows the temperature limit.
Shunt Calibration Register 15h (Read/Write)
Current and power calibration are set in the Calibration Register. Note that bit D0 is not used in the calculation.
This register sets the current that corresponds to a full-scale drop across the shunt. Full-scale range and the LSB
of the current and power measurement depend on the value entered in this register. See the Programming the
TMP512/13 Power Measurement Engine section. This register is suitable for use in overall system calibration.
Note that the '0' POR values are all default.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(1)
BIT
FS15
FS14
FS13
FS12
FS11
FS10
FS9
FS8
FS7
FS6
FS5
FS4
FS3
FS2
FS1
FS0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
(1)
D0 is a void bit and is always '0'. It is not possible to write a '1' to D0.
46
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com