Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments TMP512 Datasheet HTML 35Page - Texas Instruments TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments TMP512 Datasheet HTML 39Page - Texas Instruments TMP512 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
TMP512
TMP513
SBOS491 – JUNE 2010
www.ti.com
When all of the following conditions are met, the temperature sensor core triggers a single conversion of the
voltage measurement core at the same rate as the conversion rate shown by bits R2 to R0.
•
The conversion rate is different than '111';
•
There is at least one enabled temperature channel; and
•
The voltage measurement core is in triggered mode of operation.
The temperature sensor core triggers a single conversion of the ADC core at the same rate as the conversion
rate shown by R2 to R0.
GP:
GPIO Read-Back
Bit 2
Shows the state of the GPIO pin.
GPM:
GPIO Mode
Bits 1-0
The GPIO mode settings are shown in Table 8. GPIO should not be left floating at start-up.
Table 8. GPIO Mode Settings(1)
GPM[1]
GPM[0]
GPIO PIN
DESCRIPTION
0
0
Hi-Z
Use as an input for either of these
modes.
0
1
Hi-Z
1
0
0
Use to output 0 to GPIO pin
1
1
1
Use to output 1 to GPIO pin
(1)
Shaded values are default.
36
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com