Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments TMP512 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
´
Power Register
Current Register
Two-Wire
Interface
Voltage Register
ADC
GND
GPIO
DXP1
DXN1
DXP2
DXN2
ADC
Low-Pass Filter
MUX
DXP3
DXN3
V
IN+
V
IN-
Current
Shunt
Load
Filter C
V+
Subregulator
3.3V
Internal
Diode
Temperature
Sensor
A0
ALERT
SDA
SCL
SMBus
Controller
3.3V Supply
TMP512
TMP513
0.1 F to 1 F
Ceramic Capacitor
m
m
10W
10W
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
COMPATIBILITY WITH TI HOT-SWAP
This architecture has good inherent noise rejection;
CONTROLLERS
however, transients that occur at or very close to the
sampling
rate
harmonics
can
cause
problems.
The TMP512/13 are designed for compatibility with
Because these signals are at 1MHz and higher, they
hot-swap controllers such the TI TPS2490. The
can be dealt with by incorporating filtering at the input
TPS2490 uses a high-side shunt with a limit at 50mV;
of the TMP512/13. The high frequency enables the
the TMP512/13 full-scale range of 40mV enables the
use of low-value series resistors on the filter for
use of the same shunt for current sensing below this
negligible
effects
on
measurement
accuracy.
limit. When sensing is required at (or through) the
Figure 28 shows the TMP512/13 with an additional
50mV sense point of the TPS2490, the PGA of the
filter added at the input.
TMP512/13 can be set to ÷2 to provide an 80mV
full-scale range.
Overload conditions are another consideration for the
TMP512/13
inputs.
The
TMP512/13
inputs
are
specified to tolerate 26V across the inputs. A large
FILTERING AND INPUT CONSIDERATIONS
differential scenario might be a short to ground on the
Measuring current is often noisy, and such noise can
load side of the shunt. This type of event can result in
be difficult to define. The TMP512/13 offer several
full power-supply voltage across the shunt (as long
options for filtering by choosing resolution and
the power supply or energy storage capacitors
averaging in Configuration Register 1. These filtering
support it). It must be remembered that removing a
options can be set independently for either voltage or
short to ground can result in inductive kickbacks that
current measurement.
could exceed the 26V differential and common-mode
rating of the TMP512/13. Inductive kickback voltages
The internal ADC is based on a delta-sigma (
ΔΣ)
are best dealt with by zener-type transient-absorbing
front-end with a 500kHz (±10%) typical sampling rate.
devices (commonly called transzorbs) combined with
sufficient energy storage capacitance.
Figure 28. TMP512/13 with Input Filtering
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com