Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments TMP512 Datasheet HTML 39Page - Texas Instruments TMP512 Datasheet HTML 40Page - Texas Instruments TMP512 Datasheet HTML 41Page - Texas Instruments TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
TMP512
TMP513
SBOS491 – JUNE 2010
www.ti.com
Bit Descriptions (continued)
FC0, FC1
Fault Count Control Bits
The Fault Count Control Bits affect flags in SMBus Alert Register bits D15-D7.
Bit 3, 2
00: These flags are activated after the first conversion result with a violated limit.
01: These flags are activated after the second consecutive conversion result with a violated limit.
10: These flags are activated after the fourth consecutive conversion result with a violated limit.
11: These flags are activated after the eighth consecutive conversion result with a violated limit.
POL:
Alert Polarity
Bit 1
0: Alert pin is active low.
1: Alert pin is active high.
LATCH:
Alert Mode of Operation
Bit 0
0: Alert pin works in transparent mode. The SMB alert response function does not function. Alert is deasserted
when the triggering condition goes away.
1: Alert pin works in latch mode. The SMB alert response function functions when Alert pin is active. Alert will
remain asserted even if the triggering condition goes away. Alert can be deasserted by reading the Status register
(02h), using the SMBus Alert response function, resetting the part, or by disabling the alert function using the mask
bits.
40
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com