Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 16Page - Texas Instruments TMP512 Datasheet HTML 17Page - Texas Instruments TMP512 Datasheet HTML 18Page - Texas Instruments TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
TMP512
TMP513
SBOS491 – JUNE 2010
www.ti.com
HIGH-SPEED MODE
SENSOR FAULT
In order for the two-wire bus to operate at frequencies
The
TMP512/13
can
sense
an
open
circuit.
above 400kHz, the master device must issue a
Short-circuit conditions return a value of –256°C. The
High-Speed mode (Hs-mode) master code (0000
detection circuitry consists of a voltage comparator
1xxx) as the first byte after a START condition to
that trips when the voltage at DXP exceeds (V+) –
switch
the
bus
to
high-speed
operation.
The
0.6V (typical). The comparator output is continuously
TMP512/13 do not acknowledge this byte, but switch
checked during a conversion. If a fault is detected,
the input filters on SDA and SCL and the output filter
the OPEN bit (bit 0) in the temperature result register
on SDA to operate in Hs-mode, allowing transfers at
is set to '1' and the rest of the register bits should be
up to 3.4MHz. After the Hs-mode master code has
ignored.
been issued, the master transmits a START condition
When
not
using
the
remote
sensor
with
the
to a two-wire slave address that initiates a data
TMP512/13, the DXP and DXN inputs must be
transfer operation. The bus continues to operate in
connected together to prevent meaningless fault
Hs-mode until a STOP condition occurs on the bus.
warnings.
Upon receiving the STOP condition, the TMP512/13
switch the input and output filters back to Fast mode
UNDERVOLTAGE LOCKOUT
operation.
The
TMP512/13
sense
when
the
power-supply
POWER-UP CONDITIONS
voltage has reached a minimum voltage level for the
ADC to function. The detection circuitry consists of a
Power-up conditions apply to a software reset via the
voltage comparator that enables the ADC after the
RST bit (bit 15) in the Configuration Register, or the
power supply (V+) exceeds 2.7V (typical). The
two-wire bus General Call Reset. At device power up,
comparator output is continuously checked during a
all Status bits are masked, and the SMBus Alert
conversion. The TMP512/13 do not perform a
function is disabled. All watchdog outputs default to
temperature conversion if the power supply is not
active low and transparent (non-latched) modes.
valid. The PVLD bit (see Status Register; Local
Temperature Reset Register; Remote Temperature
SHUTDOWN MODE
Reset 1, 2 and 3 Registers) of the individual
Local/Remote Temperature Result Registers are set
The TMP512/13 shutdown mode of operation allows
to '1' and the temperature result may be incorrect.
the user flexibility to shut down the shunt/bus voltage
measurement and the temperature measurement
functions individually.
TEMPERATURE AVERAGING
To shut down the shunt/bus voltage measurement
The TMP512/13 average the input diode voltages
function
immediately,
set
bits
2
through
0
in
that determine the remote temperature by sampling
Configuration Register 1 (00h) to '000' respectively.
multiple
times
throughout
a
conversion.
The
To shut down the shunt/bus voltage measurement
temperature
result
can
be
extracted
from
four
after the end of the current conversion, set bits 2
different VBE readings and is sampled 600 times in
through 0 in Configuration Resister 1 (00h) to '100'
130ms (max). Each VBE voltage is sampled 150 times
respectively.
through
integration
capacitors
that
average
the
results throughout the conversion time. A delta-sigma
To shut down the temperature measurement function
(
ΔΣ) modulator and digital filter integrate the VBE
immediately, set bits 15 through 11 in Configuration
voltages and create a sync filter averaging system. In
Register 2 (01h) to '00000' respectively. To shut
addition, a low-pass filter is present at the input of the
down the temperature measurement after the end of
converter with a cutoff frequency of 65kHz. This
the current conversion, set bit 15 in Configuration
integrating topology offers superior noise immunity.
Register 2 (01h) to '0'.
FILTERING
ONE-SHOT COMMAND
Remote junction temperature sensors are usually
For the TMP512/13, when the temperature core is in
implemented in a noisy environment. Noise is
shutdown and the voltage core is in triggered mode, a
frequently generated by fast digital signals and if not
single conversion is started on all enabled channels
filtered properly will induce errors that can corrupt
by writing a '1' to the OS bit in Configuration Register
temperature measurements. The TMP512/13 have a
1. This write operation starts one conversion; the
built-in 65kHz filter on the inputs of DXP and DXN to
TMP512/13 returns to shutdown mode when that
minimize the effects of noise. However, a bypass
conversion completes. At the end of the conversion,
capacitor placed differentially across the inputs of the
the Conversion Ready flags (bit 6 and bit 5) in the
remote temperature sensor is recommended to make
Status Register are set to indicate end of conversion.
the
application
more
robust
against
unwanted
20
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com