Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments TMP512 Datasheet HTML 27Page - Texas Instruments TMP512 Datasheet HTML 28Page - Texas Instruments TMP512 Datasheet HTML 29Page - Texas Instruments TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
MaxPossible_I=
V
R
SHUNT_MAX
SHUNT
MaxPossible_I=0.064
Minimum_LSB=
Max_Expected_I
32767
Minimum_LSB=1.831
10
´
-6
Maximum_LSB =
Max_Expected_I
4095
Maximum_LSB = 14.652
10
´
-6
Cal=trunc
0.04096
Current_LSB
R
´
SHUNT
Cal=4311
Power_LSB=20Current_LSB
Power_LSB=38
10
´
-6
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
Calibration Example 2 (Overflow Possible)
This design example uses the nine-step procedure for calibrating the TMP512/13 where overflow is possible.
Figure 31 illustrates how the same procedure is performed using the automated TMP512/13EVN software. The
same numbers used in the nine-step example are used in the software example shown in Figure 31. Note also
that Figure 31 illustrates which results correspond to which step (for example, the information entered in Step 1
is circled in Figure 31 and labeled).
1. Establish the following parameters:
VBUS_MAX = 32
VSHUNT_MAX = 0.32
RSHUNT = 5
2. Determine the maximum possible current using Equation 15:
(15)
3. Choose the desired maximum current value: Max_Expected_I,
≤ MaxPossible_I. This value is selected
based on system expectations.
Max_Expected_I = 0.06
4. Calculate the possible range of current LSBs. This calculation is done by first computing a range of LSB's
that is appropriate for the design. Next, select an LSB withing this range. Note that the results will have the
most resolution when the minimum LSB is selected. Typically, an LSB is selected to be the nearest round
number to the minimum LSB.
(16)
(17)
Choose an LSB in the range: Minimum_LSB < Selected_LSB < Maximum_LSB
Current_LSB = 1.9 × 10–6
Note:
This value was selected to be a round number near the Minimum_LSB. This section allows for good
resolution with a rounded LSB.
5. Compute the calibration register using Equation 18:
(18)
6. Calculate the Power LSB using Equation 19. Equation 19 shows a general formula; because the bus voltage
measurement LSB is always 4mV, the power formula reduces to calculate the result.
(19)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com