Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LT3757

3757fb
pin FuncTions
VC (Pin 1):ErrorAmplifierCompensationPin.Usedto
stabilizethevoltageloopwithanexternalRCnetwork.
FBX (Pin 2):PositiveandNegativeFeedbackPin.Receives
the feedback voltage from the external resistor divider
acrosstheoutput.Alsomodulatesthefrequencyduring
start-upandfaultconditionswhenFBXisclosetoGND.
SS (Pin 3):Soft-StartPin.Thispinmodulatescompensa-
tionpinvoltage(VC)clamp.Thesoft-startintervalisset
withanexternalcapacitor.Thepinhasa10µA(typical)
pull-upcurrentsourcetoaninternal2.5Vrail.Thesoft-
startpinisresettoGNDbyanundervoltagecondition
atSHDN/UVLO,anINTVCCundervoltageorovervoltage
conditionoraninternalthermallockout.
RT (Pin 4):SwitchingFrequencyAdjustmentPin.Setthe
frequencyusingaresistortoGND.Donotleavethispin
open.
SYNC (Pin 5):FrequencySynchronizationPin.Usedto
synchronizetheswitchingfrequencytoanoutsideclock.
Ifthisfeatureisused,anRTresistorshouldbechosento
programaswitchingfrequency20%slowerthantheSYNC
pulsefrequency.TietheSYNCpintoGNDifthisfeatureis
notused.SYNCisignoredwhenFBXisclosetoGND.
SENSE (Pin 6):TheCurrentSenseInputfortheControl
Loop.Kelvinconnectthispintothepositiveterminalof
the switch current sense resistor in the source of the
N-channelMOSFET.Thenegativeterminalofthecurrent
senseresistorshouldbeconnectedtoGNDplaneclose
totheIC.
GATE (Pin 7): N-Channel MOSFET Gate Driver Output.
SwitchesbetweenINTVCCandGND.DriventoGNDwhen
ICisshutdown,duringthermallockoutorwhenINTVCCis
aboveorbelowtheOVorUVthresholds,respectively.
INTVCC (Pin 8):RegulatedSupplyforInternalLoadsand
GateDriver.SuppliedfromVINandregulatedto7.2V(typi-
cal).INTVCCmustbebypassedwithaminimumof4.7µF
capacitorplacedclosetopin.INTVCCcanbeconnected
directlytoVIN,ifVINislessthan17.5V.INTVCCcanalso
beconnectedtoapowersupplywhosevoltageishigher
than7.5V,andlowerthanVIN,providedthatsupplydoes
notexceed17.5V.
SHDN/UVLO (Pin 9):ShutdownandUndervoltageDetect
Pin.Anaccurate1.22V(nominal)fallingthresholdwith
externallyprogrammablehysteresisdetectswhenpower
isokaytoenableswitching.Risinghysteresisisgenerated
bytheexternalresistordividerandanaccurateinternal
2µApull-downcurrent.Anundervoltageconditionresets
sort-start.Tieto0.4V,orless,todisablethedeviceand
reduceVINquiescentcurrentbelow1µA.
VIN (Pin 10): InputSupplyPin.Mustbelocallybypassed
with a 0.22µF, or larger, capacitor placed close to the
pin.
Exposed Pad (Pin 11):Ground.Thispinalsoservesasthe
negativeterminalofthecurrentsenseresistor.TheExposed
Padmustbesoldereddirectlytothelocalgroundplane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com