Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology LT3757 Datasheet HTML 27Page - Linear Technology LT3757 Datasheet HTML 28Page - Linear Technology LT3757 Datasheet HTML 29Page - Linear Technology LT3757 Datasheet HTML 30Page - Linear Technology LT3757 Datasheet HTML 31Page - Linear Technology LT3757 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LT3757

3757fb
Typical applicaTions
3.3V Input, 5V/10A Output Boost Converter
Efficiency vs Output Current
SENSE
LT3757
VIN
VIN
3.3V
CIN
22µF
6.3V
2
VOUT
5V
10A
0.004
1W
M1
41.2k
300kHz
GATE
FBX
GND
INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
49.9k
34k
0.1µF
6.8k
22nF
2.2nF
22
L1
0.5µH
D1
3757 TA02a
34k
1%
15.8k
1%
COUT1
150µF
6.3V
4
COUT2
22µF
6.3V
X5R
4
+
CVCC
4.7µF
10V
X5R
CIN: TAIYO YUDEN JMK325BJ226MM
COUT1: PANASONIC EEFUEOJ151R
COUT2: TAIYO YUDEN JMK325BJ226MM
D1: MBRB2515L
L1: VISHAY SILICONIX IHLP-5050FD-01
M1: VISHAY SILICONIX SI4448DY
OUTPUT CURRENT (A)
3757 TA02b
0.001
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com